Electronic Components Datasheet Search
  English  ▼

X  

AIC1721 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1721
Description  3-pin Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1721 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1721 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AIC1721
3
ELECTRICAL CHARACTERISTICS (Ta=25°°°°C, C
IN=1µ
µµµF, COUT=10µµµµF, unless
otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
No Load
AIC1721/1721D-5
AIC1721/1721D
VIN=5.5~12V
VIN=3.6~12V
4.950
3.267
5.0
3.3
5.050
3.333
V
Output Voltage
Temperature
Coefficiency
(Note 1)
50
150
PPM/
°C
Line Regulation
IL=1mA
AIC1721/1721D-5
AIC1721/1721D
VIN=5.5~12V
VIN=3.6~12V
3
3
10
10
mV
Load Regulation
(Note 2)
AIC1721-5
AIC1721D-5
AIC1721
AIC1721D
VIN=7V, IL=0.1~150mA
VIN=7V, IL=0.1~300mA
VIN=5V, IL=0.1~150mA
VIN=5V, IL=0.1~300mA
7
7
7
7
15
25
15
25
mV
Current Limit
(Note 3)
AIC1721-5
AIC1721
AIC1721D-5
AIC1721D
VIN=7V, VOUT=0V
VIN=5V, VOUT=0V
VIN=7V, VOUT=0V
VIN=5V, VOUT=0V
320
320
320
320
440
440
440
440
mA
Dropout Voltage
(Note 4)
AIC1721/1721D
AIC1721-5
AIC1721
AIC1721D-5
AIC1721D
IL=0.1mA
IL=150mA
IL=150mA
IL=300mA
IL=300mA
0.2
200
270
400
540
10
300
370
500
640
mV
Ground Current
IO=0.1mA~IMAX
AIC1721/1721D-5
AIC1721/1721D
VIN=5.5~12V
VIN=4~12V
55
55
80
80
µA
Note 1:
Guaranteed by design.
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Current limit is measured by pulsing a short time.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com