Electronic Components Datasheet Search
  English  ▼

X  

AIC1721 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1721
Description  3-pin Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1721 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1721 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AIC1721
2
ORDERING INFORMATION
ORDER NUMBER
AIC1721CX
AIC1721-5CX
AIC1721DCX
AIC1721D-5CX
(SOT-89)
AIC1721CZ
AIC1721-5CZ
AIC1721DCZ
AIC1721D-5CZ
(TO-92)
PIN CONFIGURATION
FRONT VIEW
1: VOUT
2: GND
3: VIN
AIC1721X-XXX
1
2
3
12
3
PACKAGING TYPE
X: SOT-89
Z: TO-92
TEMPERATURE RANGE
C: 0
°C~+70°C
OUTPUT VOLTAGE
DEFAULT: 3.3V
5: 5.0V
OUTPUT CURRENT
DEFAULT: 150mA
D: 300mA
TOP VIEW
1: VOUT
2: GND
3: VIN
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage .................................…………......……................................ -0.3~12V
Operating Junction Temperature Range ..............….....……..….….............. -40
°C~ 125°C
Storage Temperature Range
..............................….………........................ -65
°C~150°C
Power Dissipation
SOT-89 Package ..….…….…........... 0. 80W
TO-92 Package .......…….…............ 0.78W
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com