Electronic Components Datasheet Search
  English  ▼

X  

AIC1721 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1721
Description  3-pin Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1721 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1721 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AIC1721/1721D
3-pin Low Dropout Linear Regulator
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1721-01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
FEATURES
Low Dropout Voltage of 130mV at 100mA Output
Current (5V Output Version).
Guaranteed 150mA/300mA Output Current.
Internal 1.3
Ω P-MOSFET Draws no Base Current.
Low Ground Current at 55
µA.
1% Accuracy Output Voltage of 3.3V/5V.
Input Voltage Range up to 12V (5V Output
Version).
Extremely Tight Load and Line Regulation.
Fast Transient Response.
Needs only 1
µF for Stability.
Current and Thermal Limiting.
APPLICATIONS
Voltage Regulator for LAN Cards.
Wireless Communication Systems.
Battery Powered Systems.
DESCRIPTION
The AIC1721/1721D is the enhanced CMOS
version
of
the
LP2950.
The
superior
characteristics of the AIC1721/1721D include
zero base current loss, very low dropout voltage,
and 1% accuracy output voltage. Typica-l ground
current remains approximately 55
µA, from no
load to maximum loading conditions. Dropout
voltage at 100mA output current is significantly
lower than its bipolar counterpart: 130mV for the
AIC1721-5/1721D-5,
and
180mV
for
the
AIC1721/ 1721D. Output current limiting and
thermal limiting are built in to provide maximal
protection to the AIC1721/ 1721D against fault
conditions.
While pin-to-pin compatible with the LP2950 and
the industry industry standard 78XX series of
voltage regulators, the AIC1721/1721D comes in
the popular3-pin SOT-89 or TO-92 packages.
TYPICAL APPLICATION CIRCUIT
+
+
AIC1721/
AIC1721D
10
µF
COUT
VOUT
VOUT
GND
VIN
1
µF
CIN
VIN
Negative Voltage Regulator


Similar Part No. - AIC1721

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30 AIC-AIC1720-30 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30CS AIC-AIC1720-30CS Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30CX AIC-AIC1720-30CX Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
AIC1720-30CZL AIC-AIC1720-30CZL Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
More results

Similar Description - AIC1721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283 TI-UCC283 Datasheet
214Kb / 8P
Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
Diodes Incorporated
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
LOW DROPOUT LINEAR REGULATOR
July 2017
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com