Electronic Components Datasheet Search
  English  ▼

X  

AIC1721 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1721
Description  3-pin Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1721 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1721 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1721 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AIC1721
4
BLOCK DIAGRAM
+
VOUT
VIN
GND
-
+
-
VREF
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs. Temperature
Temperature (
°C)
0
50
100
98
99
100
101
102
0
-40
125
Ground Current vs. Input Voltage
Input Voltage (V)
0
10
20
30
40
50
60
0
246
8
10
12
Ground Current vs. Temperature
Temperature(
°C)
125
025
50
75
100
-25
-50
50
52
54
56
58
60
IL=0.1mA
IL=150mA
IL=300mA
Dropout Voltage vs Load Current
Load Current (mA)
600
0
50
100
150
200
250
300
0
100
200
300
400
500
VOUT=3.3V
VOUT=5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com