Electronic Components Datasheet Search
  English  ▼

X  

AD5282 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5282
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282 Datasheet(HTML) 1 Page - Analog Devices

  AD5282 Datasheet HTML 1Page - Analog Devices AD5282 Datasheet HTML 2Page - Analog Devices AD5282 Datasheet HTML 3Page - Analog Devices AD5282 Datasheet HTML 4Page - Analog Devices AD5282 Datasheet HTML 5Page - Analog Devices AD5282 Datasheet HTML 6Page - Analog Devices AD5282 Datasheet HTML 7Page - Analog Devices AD5282 Datasheet HTML 8Page - Analog Devices AD5282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Single/Dual, +15 V/±5 V, 256-Position,
I2C-Compatible Digital Potentiometer
AD5280/AD5282
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Te
U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
chnology Way, P.O. Box 9106, Norwood, MA 02062-9106,
FEATURES
AD5280: 1 channel
AD5282: 2 channels
256 positions
+10 V to +15 V single supply; ±5.5 V dual-supply operation
Fixed terminal resistance: 20 kΩ, 50 kΩ, 200 kΩ
Low temperature coefficient: 30 ppm/°C
Power-on midscale preset1
Programmable reset
Operating temperature: −40oC to +85oC
I2C-compatible interface
APPLICATIONS
Multimedia, video, and audio
Communications
Mechanical potentiometer replacement
Instrumentation: gain, offset adjustment
Programmable voltage source
Programmable current source
Line impedance matching
GENERAL DESCRIPTION
The AD5280/AD5282 are single-channel and dual-channel,
256-position, digitally controlled variable resistors (VRs)2.
The devices perform the same electronic adjustment function
as a potentiometer, trimmer, or variable resistor. Each VR offers
a completely programmable value of resistance between the
A terminal and the wiper or the B terminal and the wiper. The
fixed A-to-B terminal resistance of 20 kΩ, 50 kΩ, or 200 kΩ has
a 1% channel-to-channel matching tolerance. The nominal
temperature coefficient of both parts is 30 parts per million/
degrees centigrade (ppm/°C). Another key feature is that the
parts can operate up to +15 V or ±5 V.
Wiper position programming defaults to midscale at system
power-on. When powered, the VR wiper position is programmed
by an I2C-compatible, 2-wire serial data interface. The AD5280/
AD5282 feature sleep mode programmability. This allows any
level of preset in power-up and is an alternative to a costly
EEPROM solution. Both parts have additional programmable
logic outputs that enable users to drive digital loads, logic gates,
LED drivers, and analog switches in their system.
1 Assert shutdown and program the device during power-up, then deassert
the shutdown to achieve the desired preset level.
2 The terms digital potentiometer, VR, and RDAC are used interchangeably.
The AD5280/AD5282 are available in thin, surface-mounted
14-lead TSSOP and 16-lead TSSOP. All parts are guaranteed to
operate over the extended industrial temperature range of
−40°C to +85°C. For 3-wire SPI-compatible interface applica-
tions, see the AD5260/AD5262 product information on
www.analog.com.
FUNCTIONAL BLOCK DIAGRAMS
A
WB
O1
O2
RDAC REGISTER
OUTPUT REGISTER
SERIAL INPUT REGISTER
AD5280
SHDN
VDD
VSS
SDA
SCL
GND
AD0
AD1
ADDRESS
CODE
PWR ON
RESET
VL
8
Figure 1. AD5280
A1
W1
B1
O1
RDAC1 REGISTER
RDAC2 REGISTER
OUTPUT
REGISTER
SERIAL INPUT REGISTER
AD5282
SHDN
VDD
SDA
SCL
GND
AD0
AD1
A2
W2
B2
ADDRESS
CODE
PWR ON
RESET
8
VDD
VSS
VL
Figure 2. AD5282


Similar Part No. - AD5282

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5282 AD-AD5282 Datasheet
156Kb / 10P
15V, I2C Compatible Digital Potentiometers
12-Mar-2002
AD5282BRU20 AD-AD5282BRU20 Datasheet
156Kb / 10P
15V, I2C Compatible Digital Potentiometers
12-Mar-2002
AD5282BRU200 AD-AD5282BRU200 Datasheet
156Kb / 10P
15V, I2C Compatible Digital Potentiometers
12-Mar-2002
AD5282BRU50 AD-AD5282BRU50 Datasheet
156Kb / 10P
15V, I2C Compatible Digital Potentiometers
12-Mar-2002
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
More results

Similar Description - AD5282

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
256-Position I2C Compatible Digital Potentiometer
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
Dual 256-Position I2C Compatible Digital Potentiometer
1/04-Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com