Electronic Components Datasheet Search
  English  ▼

X  

AD5282 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5282
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5282 Datasheet HTML 7Page - Analog Devices AD5282 Datasheet HTML 8Page - Analog Devices AD5282 Datasheet HTML 9Page - Analog Devices AD5282 Datasheet HTML 10Page - Analog Devices AD5282 Datasheet HTML 11Page - Analog Devices AD5282 Datasheet HTML 12Page - Analog Devices AD5282 Datasheet HTML 13Page - Analog Devices AD5282 Datasheet HTML 14Page - Analog Devices AD5282 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5280/AD5282
Rev. C | Page 11 of
28
A2
1.0V
33.41µs
1.50µs
CODE (Decimal)
Figure 30. Digital Feedthrough vs. Time
100
0.1
1.0
10
0.01
0
32
64
192
96
128
224
256
VA = VB = OPEN
TA = 25°C
RAB = 20kΩ
RAB = 50kΩ
RAB = 200kΩ
Figure 31. IWB_MAX vs. Code
LONG TERM CHANNEL-TO-CHANNEL RAB MATCH (%)
40
10
20
30
0
CODES SET TO
MIDSCALE
3 LOTS
SAMPLE SIZE = 135
Figure 32. Channel-to-Channel Resistance Matching (AD5282)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com