Electronic Components Datasheet Search
  English  ▼

X  

AD5282 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5282
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5282 Datasheet HTML 20Page - Analog Devices AD5282 Datasheet HTML 21Page - Analog Devices AD5282 Datasheet HTML 22Page - Analog Devices AD5282 Datasheet HTML 23Page - Analog Devices AD5282 Datasheet HTML 24Page - Analog Devices AD5282 Datasheet HTML 25Page - Analog Devices AD5282 Datasheet HTML 26Page - Analog Devices AD5282 Datasheet HTML 27Page - Analog Devices AD5282 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5280/AD5282
Rev. C | Page 24 of
28
CW
85pF
RDAC CIRCUIT SIMULATION MODEL
The internal parasitic capacitances and the external capacitive
loads dominate the ac characteristics of the RDACs. Configured
as a potentiometer divider, the −3 dB bandwidth of the AD5280
(20 kΩ resistor) measures 310 kHz at half scale. Figure 24
provides the Bode plot characteristics of the three available
resistor versions: 20 kΩ, 50 kΩ, and 200 kΩ. A parasitic
simulation model is shown in Figure 65. A macro model net list
for the 20 kΩ RDAC is provided.
CA
25pF
CA
25pF
RDAC
20kΩ
A
B
Figure 65. RDAC Circuit Simulation Model for RDAC = 20 kΩ
MACRO MODEL NET LIST FOR RDAC
.PARAM D=256, RDAC=20E3
*
.SUBCKT DPOT (A,W,B)
*
CA
A
0
25E-12
RWA
A
W
{(1-D/256)*RDAC+60}
CW
W
0
55E-12
RWB
W
B
{D/256*RDAC+60}
CB
B
0
25E-12
*
.ENDS DPOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com