Electronic Components Datasheet Search
  English  ▼

X  

AD5282 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5282
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5282 Datasheet HTML 8Page - Analog Devices AD5282 Datasheet HTML 9Page - Analog Devices AD5282 Datasheet HTML 10Page - Analog Devices AD5282 Datasheet HTML 11Page - Analog Devices AD5282 Datasheet HTML 12Page - Analog Devices AD5282 Datasheet HTML 13Page - Analog Devices AD5282 Datasheet HTML 14Page - Analog Devices AD5282 Datasheet HTML 15Page - Analog Devices AD5282 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5280/AD5282
Rev. C | Page 12 of
28
TEST CIRCUITS
Figure 33 to Figure 43 define the test conditions used in the product specification table.
A
W
DUT
B
V+ = VDD
1LSB = V+/2N
V+
W
DUT
VMS
Figure 33. Potentiometer Divider Nonlinearity Error (INL, DNL)
A
W
DUT
IW
NO CONNECT
B
VMS
Figure 34. Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
A
W
B
DUT
VMS2
VMS1
VW
IW = VDD/RNOMINAL
RW = [VMS1 –VMS2]/IW
Figure 35. Wiper Resistance
A
W
VDD
VA
B
V+
VMS
V+ = VDD ±10%
PSRR (dB) = 20 LOG
(
)
PSS (%/%) =
ΔVMS
ΔVDD
ΔVMS%
ΔVDD%
Figure 36. Power Supply Sensitivity (PSS, PSSR)
A
5V
VOUT
OFFSET
GND
OFFSET
BIAS
VIN
B
OP279
Figure 37. Inverting Gain
W
VOUT
OFFSET
GND
OFFSET
BIAS
VIN
DUT
OP279
5V
B
A
Figure 38. Noninverting Gain
VOUT
OFFSET
GND
2.5V
VIN
DUT
A
W
AD8610
+15V
–15V
B
Figure 39. Gain vs. Frequency
W
B
VSS TO VDD
DUT
ISW
0.1V
RSW =
0.1V
ISW
Figure 40. Incremental On Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com