Electronic Components Datasheet Search
  English  ▼

X  

AD8037ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8037ARZ
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8037ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8037ARZ Datasheet HTML 5Page - Analog Devices AD8037ARZ Datasheet HTML 6Page - Analog Devices AD8037ARZ Datasheet HTML 7Page - Analog Devices AD8037ARZ Datasheet HTML 8Page - Analog Devices AD8037ARZ Datasheet HTML 9Page - Analog Devices AD8037ARZ Datasheet HTML 10Page - Analog Devices AD8037ARZ Datasheet HTML 11Page - Analog Devices AD8037ARZ Datasheet HTML 12Page - Analog Devices AD8037ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. B
–8–
AD8036/AD8037
1M
FREQUENCY – Hz
475
174
374
10M
100M
1G
VO = 300mV p-p
VS = 5V
RL = 100
274
–2
–1
0
1
2
3
4
5
6
7
8
TPC 25. AD8037 Small Signal Frequency Response,
G = +2
301
224
274
VO = 3.00mV p-p
VS = 5V
RL = 100
249
1M
FREQUENCY – Hz
10M
100M
1G
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
TPC 26. AD8037 0.1 dB Flatness, N Package
(for R Package Add 20
Ω to RF)
–5
65
25
–15
10k
100k
1G
100M
10M
1M
35
45
55
5
15
FREQUENCY – Hz
60
20
30
40
50
–10
0
10
–50
–250
0
50
100
–200
–150
–100
GAIN
PHASE
TPC 27. AD8037 Open-Loop Gain and Phase Margin
vs. Frequency, RL = 100
Ω
AD8037–Typical Characteristics
200
150
100
550
500
450
400
350
300
250
200
150
250
300
350
VALUE OF RF,RIN –
VS = 5V
RL = 100
GAIN = +2
RF
AD8037
RL
RIN
100
49.9
N PACKAGE
R PACKAGE
TPC 28. AD8037 Small Signal –3 dB Bandwidth vs. RF, RIN
RF = 475
RF = 75
TO
475
BY
100
VO = 3.5 V p-p
VS = 5V
RL = 100
RF = 75
1M
FREQUENCY – Hz
10M
100M
1G
–2
–1
0
1
2
3
4
5
6
7
8
TPC 29. AD8037 Large Signal Frequency Response, G = +2
FREQUENCY – Hz
VS = 5V
VO = 300mV p-p
RL = 100
274
VH
100
AD8037
VL (VIN)
(VO)
1V
274
100k
1M
10M
100M
1G
–2
–1
0
1
2
3
4
5
6
7
8
TPC 30. AD8037 Clamp Input Bandwidth, VH, VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com