Electronic Components Datasheet Search
  English  ▼

X  

AD8037ARZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8037ARZ
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8037ARZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8037ARZ Datasheet HTML 16Page - Analog Devices AD8037ARZ Datasheet HTML 17Page - Analog Devices AD8037ARZ Datasheet HTML 18Page - Analog Devices AD8037ARZ Datasheet HTML 19Page - Analog Devices AD8037ARZ Datasheet HTML 20Page - Analog Devices AD8037ARZ Datasheet HTML 21Page - Analog Devices AD8037ARZ Datasheet HTML 22Page - Analog Devices AD8037ARZ Datasheet HTML 23Page - Analog Devices AD8037ARZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8036/AD8037
REV. B
–21–
Layout Considerations
The specified high speed performance of the AD8036 and
AD8037 requires careful attention to board layout and component
selection. Proper RF design techniques and low pass parasitic
component selection are mandatory.
The PCB should have a ground plane covering all unused
portions of the component side of the board to provide a low
impedance path. The ground plane should be removed from the
area near the input pins to reduce stray capacitance.
Chip capacitors should be used for supply and input clamp
bypassing (see Figure 17). One end should be connected to
the ground plane and the other within 1/8 inch of each power
and clamp pin. An additional large (0.47
µF–10 µF) tantalum
electrolytic capacitor should be connected in parallel, though
not necessarily so close, to supply current for fast, large signal
changes at the output.
The feedback resistor should be located close to the inverting
input pin in order to keep the stray capacitance at this node to a
minimum. Capacitance variations of less than 1 pF at the invert-
ing input will significantly affect high speed performance.
Stripline design techniques should be used for long signal traces
(greater than about 1 inch). These should be designed with a
characteristic impedance of 50
Ω or 75 Ω and be properly termi-
nated at each end.
Evaluation Board
An evaluation board for both the AD8036 and AD8037 is
available that has been carefully laid out and tested to demon-
strate that the specified high speed performance of the device
can be realized. For ordering information, please refer to the
Ordering Guide.
The layout of the evaluation board can be used as shown or
serve as a guide for a board layout.
IN
RO
1k
VOUT
0.1 F
AD8036/
AD8037
VH
0.1 F
VL
RS
–VS
+VS
–VS
+VS
RG
RF
1k
–VS
+VS
RT
NONINVERTING CONFIGURATION
C5
10 F
+VS
–VS
C3
0.1 F
C1
0.01 F
C6
10 F
C4
0.1 F
C2
0.01 F
OPTIONAL
SUPPLY BYPASSING
Figure 17. Noninverting Configurations for Evaluation
Boards
Table I.
AD8036A
AD8037A
Gain
Gain
Component
+1
+2
+10
+100
+2
+10
+100
RF
140
Ω
274
Ω
2 k
Ω
2 k
Ω
274
Ω
2 k
Ω
2 k
Ω
RG
274
Ω
221
Ω
20.5
Ω
274
Ω
221
Ω
20.5
Ω
RO (Nominal)
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
RS
130
Ω
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
RT (Nominal)
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
Small Signal BW (MHz)
240
90
10
1.3
275
21
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com