Electronic Components Datasheet Search
  English  ▼

X  

AD8037ARZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8037ARZ
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8037ARZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8037ARZ Datasheet HTML 11Page - Analog Devices AD8037ARZ Datasheet HTML 12Page - Analog Devices AD8037ARZ Datasheet HTML 13Page - Analog Devices AD8037ARZ Datasheet HTML 14Page - Analog Devices AD8037ARZ Datasheet HTML 15Page - Analog Devices AD8037ARZ Datasheet HTML 16Page - Analog Devices AD8037ARZ Datasheet HTML 17Page - Analog Devices AD8037ARZ Datasheet HTML 18Page - Analog Devices AD8037ARZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8036/AD8037–Clamp Characteristics
REV. B
–14–
SETTLING TIME – ns
0
10203040
5060708090
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TPC 61. AD8036 Clamp Settling (0.1%), VH = +1 V,
VL = –1 V, 2
× Overdrive
0
5
10
15
20
25
30
35
40
SETTLING TIME – ns
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TPC 62. AD8036 Clamp Recovery Settling Time (High),
from +2
× Overdrive to 0 V
0
5
10
15
20
25
30
35
40
SETTLING TIME – ns
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TPC 63. AD8036 Clamp Recovery Settling Time (Low),
from –2
× Overdrive to 0 V
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
SETTLING TIME – ns
0
10
20
3040
50
60708090
TPC 64. AD8037 Clamp Settling (0.1%), VH = +0.5 V,
VL = –0.5 V, 2
× Overdrive
0
5
10
15
20
25
30
35
40
SETTLING TIME – ns
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TPC 65. AD8037 Clamp Recovery Settling Time (High),
from +2
× Overdrive to 0 V
0
5
10
15
20
25
30
35
40
SETTLING TIME – ns
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TPC 66. AD8037 Clamp Recovery Settling Time (Low),
from –2
× Overdrive to 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com