Electronic Components Datasheet Search
  English  ▼

X  

AD8037ARZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8037ARZ
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8037ARZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8037ARZ Datasheet HTML 10Page - Analog Devices AD8037ARZ Datasheet HTML 11Page - Analog Devices AD8037ARZ Datasheet HTML 12Page - Analog Devices AD8037ARZ Datasheet HTML 13Page - Analog Devices AD8037ARZ Datasheet HTML 14Page - Analog Devices AD8037ARZ Datasheet HTML 15Page - Analog Devices AD8037ARZ Datasheet HTML 16Page - Analog Devices AD8037ARZ Datasheet HTML 17Page - Analog Devices AD8037ARZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. B
–13–
VCL =
–3V
–3
–2
–1
0
1
2
3
OUTPUT VOLTAGE – Volts
AD8036, ACL = +1
AD8037, ACL = +2
AD8036
AD8037
VCL =
–2V
VCL =
–1V
VCH =
+1V
VCH =
+2V
VCH =
+3V
20
15
10
5
0
–5
–10
–15
–20
TPC 55. Input Error Voltage vs. Clamped Output Voltage
1.0
–0.8
–1.0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
INPUT VOLTAGE AV – Volts
VH = + 1V
VL = – 1V
20
15
10
5
0
–5
–10
–15
–20
TPC 56. AD8036/AD8037 Nonlinearity Near Clamp Voltage
REF
+2V
+1V
0V
TPC 57. AD8036 Clamp Overdrive (2
×) Recovery
Clamp Characteristics–AD8036/AD8037
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1.0
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
ABSOLUTE VALUE OF OUTPUT VOLTAGE – Volts
VH
+1V
+0.5V
VL
–1V
–0.5V
G
+1V
+2V
AD8036 AD8037
AD8037 3RD
HARMONIC
AD8036 3RD
HARMONIC
AD8036 2ND
HARMONIC
AD8037 2ND
HARMONIC
TPC 58. Harmonic Distortion as Output Approaches
Clamp Voltage; VO = 2 V p-p, RL = 100
, f = 20 MHz
–5
–4
–3
–2
–1
0
1
2
3
4
5
INPUT CLAMP VOLTAGE (VH,VL) – Volts
IBH
IBL
POSITIVE IBH, IBL DENOTES
CURRENT FLOW INTO
CLAMP INPUTS VH, VL
80
60
40
20
0
–20
–40
–60
–80
TPC 59. AD8036/AD8037 Clamp Input Bias Current vs.
Input Clamp Voltage
REF
+2V
+1V
0V
TPC 60. AD8037 Clamp Overdrive (2
×) Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com