Electronic Components Datasheet Search
  English  ▼

X  

AD8145 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 4 Page - Analog Devices

  AD8145 Datasheet HTML 1Page - Analog Devices AD8145 Datasheet HTML 2Page - Analog Devices AD8145 Datasheet HTML 3Page - Analog Devices AD8145 Datasheet HTML 4Page - Analog Devices AD8145 Datasheet HTML 5Page - Analog Devices AD8145 Datasheet HTML 6Page - Analog Devices AD8145 Datasheet HTML 7Page - Analog Devices AD8145 Datasheet HTML 8Page - Analog Devices AD8145 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8145
Rev. A | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
COMPARATOR PERFORMANCE
VOH
RL = 1 kΩ
3.205
3.310
V
AD8145W only, TMIN to TMAX
2.950
V
VOL
RL = 1 kΩ
0.390
0.420
V
AD8145W only, TMIN to TMAX
0.440
V
Input Offset Voltage
±2.5
mV
Hysteresis Width
18
mV
Input Bias Current
1.5
μA
Propagation Delay, tPLH
6
ns
Propagation Delay, tPHL
6
ns
Rise Time
10% to 90%
6
ns
Fall Time
10% to 90%
2
ns
POWER-DOWN PERFORMANCE
Power-Down VIH
VS+ − 1.65
V
Power-Down VIL
VS+ − 2.65
V
Power-Down IIH
0.5
μA
Power-Down IIL
−250
μA
Power-Down Assert Time
1
μs
POWER SUPPLY
Operating Range
4.5
11
V
Quiescent Current, Positive Supply
48.5
57.5
mA
AD8145W only, TMIN to TMAX
70
mA
Disabled
16
19.5
mA
AD8145W only, TMIN to TMAX
25
mA
Quiescent Current, Negative Supply
−52
−43.5
mA
AD8145W only, TMIN to TMAX
−65
mA
Disabled
−13.9
−11
mA
AD8145W only, TMIN to TMAX
−20
mA
PSRR, Positive Supply
DC
−79
−70
dB
AD8145W only, TMIN to TMAX
−66
dB
PSRR, Negative Supply
DC
−68
−57
dB
AD8145W only, TMIN to TMAX
−54
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com