Electronic Components Datasheet Search
  English  ▼

X  

AD8145 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8145 Datasheet HTML 3Page - Analog Devices AD8145 Datasheet HTML 4Page - Analog Devices AD8145 Datasheet HTML 5Page - Analog Devices AD8145 Datasheet HTML 6Page - Analog Devices AD8145 Datasheet HTML 7Page - Analog Devices AD8145 Datasheet HTML 8Page - Analog Devices AD8145 Datasheet HTML 9Page - Analog Devices AD8145 Datasheet HTML 10Page - Analog Devices AD8145 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8145
Rev. A | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
MAXIMUM POWER DISSIPATION
Table 3.
Parameter
Rating
Supply Voltage
12 V
Power Dissipation
See Figure 2
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
The maximum safe power dissipation in the AD8145 package is
limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit can change the stresses that the
package exerts on the die, permanently shifting the parametric
performance of the AD8145. Exceeding a junction temperature
of 150°C for an extended period can result in changes in the
silicon devices, potentially causing failure.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). The power dissipated due to the load
drive depends on the particular application. For each output, the
power due to load drive is calculated by multiplying the load
current by the associated voltage drop across the device. The
power dissipated due to all of the loads is equal to the sum of
the power dissipation due to each individual load. RMS voltages
and currents must be used in these calculations.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in the circuit board with its
exposed paddle soldered to a pad on the PCB surface, which is
thermally connected to a copper plane.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through-holes, ground, and power planes
reduces the θJA. The exposed paddle on the underside of the
package must be soldered to a pad on the PCB surface, which is
thermally connected to a copper plane to achieve the specified θJA.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
5 mm × 5 mm, 32-Lead LFCSP
47
8.5
°C/W
4.5
0
–40
–20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Figure 2 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 32-lead LFCSP
(47°C/W) on a JEDEC standard 4-layer board with the underside
paddle soldered to a pad, which is thermally connected to a
PCB plane.
ESD CAUTION
Figure 2. Maximum Power Dissipation vs. Temperature for a 4-Layer Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com