Electronic Components Datasheet Search
  English  ▼

X  

AD8145 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8145 Datasheet HTML 8Page - Analog Devices AD8145 Datasheet HTML 9Page - Analog Devices AD8145 Datasheet HTML 10Page - Analog Devices AD8145 Datasheet HTML 11Page - Analog Devices AD8145 Datasheet HTML 12Page - Analog Devices AD8145 Datasheet HTML 13Page - Analog Devices AD8145 Datasheet HTML 14Page - Analog Devices AD8145 Datasheet HTML 15Page - Analog Devices AD8145 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8145
Rev. A | Page 12 of 24
2.0
–2.0
05
TIME (ns)
0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
0.5
–0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
5
1015202530354045
ERROR
OUTPUT
INPUT
Figure 22. Settling Time
–50
–80
0.1
100
FREQUENCY (MHz)
110
–55
–60
–65
–70
–75
VS = ±5V
VS = +5V
VOUT = 2V p-p
Figure 23. Second Harmonic Distortion vs. Frequency and Power Supplies,
VOUT = 2 V p-p, G = 1
–50
–80
0.1
100
FREQUENCY (MHz)
110
–55
–60
–65
–70
–75
VOUT = 2V p-p
VS = +5V
VS = ±5V
Figure 24. Second Harmonic Distortion vs. Frequency and Power Supplies,
VOUT = 2 V p-p, G = 2
4500
0
05
OUTPUT VOLTAGE (V p-p)
.0
4000
3500
3000
2500
2000
1500
1000
500
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
NEGATIVE
SLEW RATE
POSITIVE
SLEW RATE
Figure 25. Slew Rate vs. Output Voltage Swing
–50
–120
0.1
100
FREQUENCY (MHz)
110
VOUT = 2V p-p
–60
–70
–80
–90
–100
–110
VS = +5V
VS = ±5V
Figure 26. Third Harmonic Distortion vs. Frequency and Power Supplies,
VOUT = 2 V p-p, G = 1
–50
–120
0.1
100
FREQUENCY (MHz)
110
VOUT = 2V p-p
–60
–70
–80
–90
–100
–110
VS = +5V
VS = ±5V
Figure 27. Third Harmonic Distortion vs. Frequency and Power Supplies,
VOUT = 2 V p-p, G = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com