Electronic Components Datasheet Search
  English  ▼

X  

AD8145 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8145
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8145 Datasheet HTML 5Page - Analog Devices AD8145 Datasheet HTML 6Page - Analog Devices AD8145 Datasheet HTML 7Page - Analog Devices AD8145 Datasheet HTML 8Page - Analog Devices AD8145 Datasheet HTML 9Page - Analog Devices AD8145 Datasheet HTML 10Page - Analog Devices AD8145 Datasheet HTML 11Page - Analog Devices AD8145 Datasheet HTML 12Page - Analog Devices AD8145 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8145
Rev. A | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, G = 1, RL = 150 Ω, CL = 2 pF, REF_x = midsupply, VS = ±5 V, TA = 25°C. Refer to the circuit in Figure 35.
3
–7
1
1000
FREQUENCY (MHz)
10
100
2
1
0
–1
–2
–3
–4
–5
–6
+5V
VOUT = 0.2V p-p
±5V
3
–7
1
1000
FREQUENCY (MHz)
10
100
2
1
0
–1
–2
–3
–4
–5
–6
±5V
+5V
VOUT = 2V p-p
Figure 4. Small Signal Frequency Response at Various Power Supplies, G = 1
Figure 7. Large Signal Frequency Response at Various Power Supplies, G = 1
9
–1
1
1000
FREQUENCY (MHz)
10
100
8
7
6
5
4
3
2
1
0
+5V
±5V
VOUT = 0.2V p-p
9
–1
1
1000
FREQUENCY (MHz)
10
100
8
7
6
5
4
3
2
1
0
+5V
VOUT = 2V p-p
±5V
Figure 5. Small Signal Frequency Response at Various Power Supplies, G = 2
Figure 8. Large Signal Frequency Response at Various Power Supplies, G = 2
3
–7
1
1000
FREQUENCY (MHz)
10
100
2
1
0
–1
–2
–3
–4
–5
–6
VOUT = 2V p-p
G = 2, CL = 10 + 2pF, RSNUB = 20Ω
G = 2, CL = 0 + 2pF, RSNUB = 0Ω
G = 1, CL = 10 + 2pF, RSNUB = 20Ω
G = 1, CL = 0 + 2pF, RSNUB = 0Ω
3
–7
1
1000
FREQUENCY (MHz)
10
100
2
1
0
–1
–2
–3
–4
–5
–6
VOUT = 0.2V p-p
G = 2, CL = 10 + 2pF, RSNUB = 20Ω
G = 2, CL = 0 + 2pF, RSNUB = 0Ω
G = 1, CL = 10 + 2pF, RSNUB = 20Ω
G = 1, CL = 0 + 2pF, RSNUB = 0Ω
Figure 6. Small Signal Frequency Response at Various Gains
and 10 pF Capacitive Load Buffered by 20 Ω Resistor
Figure 9. Large Signal Frequency Response at Various Gains
and 10 pF Capacitive Load Buffered by 20 Ω Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com