Electronic Components Datasheet Search
  English  ▼

X  

LM48 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48
Description  Low Voltage High Power Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48 Datasheet(HTML) 4 Page - Texas Instruments

  LM48 Datasheet HTML 1Page - Texas Instruments LM48 Datasheet HTML 2Page - Texas Instruments LM48 Datasheet HTML 3Page - Texas Instruments LM48 Datasheet HTML 4Page - Texas Instruments LM48 Datasheet HTML 5Page - Texas Instruments LM48 Datasheet HTML 6Page - Texas Instruments LM48 Datasheet HTML 7Page - Texas Instruments LM48 Datasheet HTML 8Page - Texas Instruments LM48 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM4808
SNAS051D – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2) (continued)
The following specifications apply for VDD = 5V unless otherwise specified, limits apply to TA = 25°C.
Symbol
Parameter
Conditions
LM4808
Units
(Limits)
Typ (3)
Limit (4)
Ptot
Total Power Dissipation
VIN = 0V, IO = 0A
6
16.5
mW (max)
VOS
Input Offset Voltage
VIN = 0V
10
50
mV (max)
Ibias
Input Bias Current
10
pA
0
V
VCM
Common Mode Voltage
4.3
V
GV
Open-Loop Voltage Gain
RL = 5kΩ
67
dB
Io
Max Output Current
THD+N < 0.1 %
70
mA
RO
Output Resistance
0.1
Ω
RL = 32Ω, 0.1% THD+N, Min
.3
VO
Output Swing
V
RL = 32Ω, 0.1% THD+N, Max
4.7
Cb = 1.0µF, Vripple = 100mVPP, f =
89
dB
PSRR
Power Supply Rejection Ratio
100Hz
Crosstalk
Channel Separation
RL = 32Ω
75
dB
f = 1 kHz
RL = 16Ω,
0.05
%
VO =3.5VPP (at 0 dB)
THD+N
Total Harmonic Distortion + Noise
66
dB
RL = 32Ω,
0.05
%
VO =3.5VPP (at 0 dB)
66
dB
SNR
Signal-to-Noise Ratio
VO = 3.5Vpp (at 0 dB)
105
dB
fG
Unity Gain Frequency
Open Loop, RL = 5kΩ
5.5
MHz
THD+N = 0.1%, f = 1 kHz
RL = 16Ω
105
mW
RL = 32Ω
70
60
mW
Po
Output Power
THD+N = 10%, f = 1 kHz
RL = 16Ω
150
mW
RL = 32Ω
90
mW
CI
Input Capacitance
3
pF
CL
Load Capacitance
200
pF
SR
Slew Rate
Unity Gain Inverting
3
V/µs
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for VDD = 3.3V unless otherwise specified, limits apply to TA = 25°C.
Symbol
Parameter
Conditions
Conditions
Units
(Limits)
Typ (3)
Limit (4)
IDD
Supply Current
VIN = 0V, IO = 0A
1.0
mA (max)
VOS
Input Offset Voltage
VIN = 0V
7
mV (max)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Tested limits are specified to AOQL (Average Outgoing Quality Level). Datasheet min/max specification limits are specified by design,
test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com