Electronic Components Datasheet Search
  English  ▼

X  

LM48 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM48
Description  Low Voltage High Power Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM48 Datasheet HTML 11Page - Texas Instruments LM48 Datasheet HTML 12Page - Texas Instruments LM48 Datasheet HTML 13Page - Texas Instruments LM48 Datasheet HTML 14Page - Texas Instruments LM48 Datasheet HTML 15Page - Texas Instruments LM48 Datasheet HTML 16Page - Texas Instruments LM48 Datasheet HTML 17Page - Texas Instruments LM48 Datasheet HTML 18Page - Texas Instruments LM48 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LM4808
www.ti.com
SNAS051D – FEBRUARY 2000 – REVISED MAY 2013
AUDIO POWER AMPLIFIER DESIGN
Design a Dual 70mW/32
Ω Audio Amplifier
Given:
Power Output
70mW
Load Impedance
32
Ω
Input Level
1Vrms (max)
Input Impedance
20k
Ω
Bandwidth
100Hz–20kHz ± 0.50dB
The design begins by specifying the minimum supply voltage necessary to obtain the specified output power.
One way to find the minimum supply voltage is to use the Output Power vs Supply Voltage curve in the TYPICAL
PERFORMANCE CHARACTERISTICS section. Another way, using Equation 5, is to calculate the peak output
voltage necessary to achieve the desired output power for a given load impedance. To account for the amplifier's
dropout voltage, two additional voltages, based on the Dropout Voltage vs Supply Voltage in the TYPICAL
PERFORMANCE CHARACTERISTICS curves, must be added to the result obtained by Equation 5. For a single-
ended application, the result is Equation 6.
(5)
VDD ≥ (2VOPEAK + (VOD
TOP + V
ODBOT))
(6)
The Output Power vs Supply Voltage graph for a 32
Ω load indicates a minimum supply voltage of 4.8V. This is
easily met by the commonly used 5V supply voltage. The additional voltage creates the benefit of headroom,
allowing the LM4808 to produce peak output power in excess of 70mW without clipping or other audible
distortion. The choice of supply voltage must also not create a situation that violates maximum power dissipation
as explained above in the POWER DISSIPATION section. Remember that the maximum power dissipation point
from Equation 1 must be multiplied by two since there are two independent amplifiers inside the package. Once
the power dissipation equations have been addressed, the required gain can be determined from Equation 7.
(7)
Thus, a minimum gain of 1.497 allows the LM4808 to reach full output swing and maintain low noise and THD+N
perfromance. For this example, let AV=1.5.
The amplifiers overall gain is set using the input (Ri ) and feedback (Rf ) resistors. With the desired input
impedance set at 20k
Ω, the feedback resistor is found using Equation 8.
AV = Rf/Ri
(8)
The value of Rf is 30kΩ.
The last step in this design is setting the amplifier's
−3db frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency response must extend to at lease one
−fifth the lower
bandwidth limit and the high frequency response must extend to at least five times the upper bandwidth limit. The
gain variation for both response limits is 0.17dB, well within the ±0.25dB desired limit. The results are an
fL = 100Hz/5 = 20Hz
(9)
and a
fH = 20kHz
∗5 = 100kHz
(10)
As stated in the EXTERNAL COMPONENTS DESCRIPTION section, both Ri in conjunction with Ci, and Co with
RL, create first order highpass filters. Thus to obtain the desired low frequency response of 100Hz within ±0.5dB,
both poles must be taken into consideration. The combination of two single order filters at the same frequency
forms a second order response. This results in a signal which is down 0.34dB at five times away from the single
order filter
−3dB point. Thus, a frequency of 20Hz is used in the following equations to ensure that the response
is better than 0.5dB down at 100Hz.
Ci ≥ 1 / (2π * 20 kΩ * 20 Hz) = 0.397µF; use 0.39µF.
Co ≥ 1 / (2π * 32Ω * 20 Hz) = 249µF; use 330µF.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM4808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com