Electronic Components Datasheet Search
  English  ▼

X  

LM48 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM48
Description  Low Voltage High Power Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM48 Datasheet HTML 12Page - Texas Instruments LM48 Datasheet HTML 13Page - Texas Instruments LM48 Datasheet HTML 14Page - Texas Instruments LM48 Datasheet HTML 15Page - Texas Instruments LM48 Datasheet HTML 16Page - Texas Instruments LM48 Datasheet HTML 17Page - Texas Instruments LM48 Datasheet HTML 18Page - Texas Instruments LM48 Datasheet HTML 19Page - Texas Instruments LM48 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LM4808
SNAS051D – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
The high frequency pole is determined by the product of the desired high frequency pole, fH, and the closed-loop
gain, AV. With a closed-loop gain of 1.5 and fH = 100kHz, the resulting GBWP = 150kHz which is much smaller
than the LM4808's GBWP of 900kHz. This figure displays that if a designer has a need to design an amplifier
with a higher gain, the LM4808 can still be used without running into bandwidth limitations.
Demonstration Board Layout
Figure 46. Recommended SO PC Board Layout:
Figure 47. Recommended LD PC Board Layout:
Top Silkscreen
Top Silkscreen
Figure 48. Recommended SOIC PC Board Layout:
Figure 49. Recommended LD PC Board Layout:
Top Layer
Top Layer
Figure 50. Recommended SOIC PC Board Layout:
Figure 51. Recommended LD PC Board Layout:
Bottom Layer
Bottom Layer
16
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com