Electronic Components Datasheet Search
  English  ▼

X  

SFH7776 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button SFH7776 Datasheet HTML 10Page - OSRAM GmbH SFH7776 Datasheet HTML 11Page - OSRAM GmbH SFH7776 Datasheet HTML 12Page - OSRAM GmbH SFH7776 Datasheet HTML 13Page - OSRAM GmbH SFH7776 Datasheet HTML 14Page - OSRAM GmbH SFH7776 Datasheet HTML 15Page - OSRAM GmbH SFH7776 Datasheet HTML 16Page - OSRAM GmbH SFH7776 Datasheet HTML 17Page - OSRAM GmbH SFH7776 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
2013-07-09
14
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
ALS VIS sensitivity ranges
ALS VIS output f(Ev); white LED; f(sensitivity settings);
Tint: integration time (register 0x41h); X: gain settings (register 0x42h)
Direction Characteristic of ALS Vis diode
S
rel f(f))
OHF05598
0.001
1
lx
= 100 ms
int
T
V
E
0.1
10
1000
100000
10
100
1000
10000
100000
X = 64
= 100 ms
X = 128
int
T
X = 128
= 400 ms
T
int
= 100 ms
int
T
X = 1
= 100 ms
int
T
X = 2
OHF05605
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com