Electronic Components Datasheet Search
  English  ▼

X  

SFH7776 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH7776 Datasheet HTML 1Page - OSRAM GmbH SFH7776 Datasheet HTML 2Page - OSRAM GmbH SFH7776 Datasheet HTML 3Page - OSRAM GmbH SFH7776 Datasheet HTML 4Page - OSRAM GmbH SFH7776 Datasheet HTML 5Page - OSRAM GmbH SFH7776 Datasheet HTML 6Page - OSRAM GmbH SFH7776 Datasheet HTML 7Page - OSRAM GmbH SFH7776 Datasheet HTML 8Page - OSRAM GmbH SFH7776 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Version 0.1
SFH 7776
2013-07-09
3
DRAFT - For reference only.
Subject to change without notice.
• Pin description
Pin
Name
Function
1V
DD
Power supply pin
2
SCL
I²C bus serial clock pin
3
GND
Ground pin
4
LED_A
Anode of the LED
5
LED_C
Cathode of the LED
6
LDR
LED driver pin
7
INT
Interrupt pin; open drain output; configured via I²C bus
8
SDA
I²C bus serial data pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com