Electronic Components Datasheet Search
  English  ▼

X  

SFH7776 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7776 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH7776 Datasheet HTML 1Page - OSRAM GmbH SFH7776 Datasheet HTML 2Page - OSRAM GmbH SFH7776 Datasheet HTML 3Page - OSRAM GmbH SFH7776 Datasheet HTML 4Page - OSRAM GmbH SFH7776 Datasheet HTML 5Page - OSRAM GmbH SFH7776 Datasheet HTML 6Page - OSRAM GmbH SFH7776 Datasheet HTML 7Page - OSRAM GmbH SFH7776 Datasheet HTML 8Page - OSRAM GmbH SFH7776 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
2013-07-09
4
DRAFT - For reference only.
Subject to change without notice.
Version 0.1
SFH 7776
Short Evaluation program
I
2C interface
• I/O-pins are open drain type and logic high level is set with external pull-up resistor
• SFH 7776 operates in slave mode. Slave address is 0111001 (0x39h)
• Designed for the I
2C Fast mode (400 kb/s)
• Interrupt pin (INT): open-drain output (like SDA and SCL)
Block diagram
Adress
Command
Action
0x42
0x3F
set LED pulse current to 200mA and ALS gain to x128
0x41
0x06
activate ALS & PS with a measurement repetition time of 100ms
Wait 100ms
0x44
read data
read LSB of proximity measurement data
0x45
read data
read MSB of proximity measurement data
0x46
read data
read LSB of ambient light measurement of VIS diode
0x47
read data
read MSB of ambient light measurement of VIS diode
0x48
read data
read LSB of ambient light measurement of IR diode
0x49
read data
read MSB of ambient light measurement of IR diode
8
Analog / amplifier
digital
+
data -
register
proximity
ambient
light
I2C
LED
driver
4
5
SDA
SCL
7
6
INT
GND
V
LED
CATH
5
Analog / amplifier
digital
+
data -
register
proximity
ALS
VIS
I2C
LED
driver
7
2
SDA
SCL
3
1
1
4
8
INT
GND
V
DD
V
DD
LED_A
LED_C
ALS
IR
8
6
LDR
8
Analog / amplifier
digital
+
data -
register
proximity
ambient
light
I2C
LED
driver
4
5
SDA
SCL
7
6
INT
GND
V
LED
CATH
5
Analog / amplifier
digital
+
data -
register
proximity
ALS
VIS
I2C
LED
driver
7
2
SDA
SCL
3
1
1
4
8
INT
GND
V
DD
V
DD
LED_A
LED_C
ALS
IR
8
6
LDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com