Electronic Components Datasheet Search
  English  ▼

X  

XC6504 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6504
Description  0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6504 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6504 Datasheet HTML 1Page - Torex Semiconductor XC6504 Datasheet HTML 2Page - Torex Semiconductor XC6504 Datasheet HTML 3Page - Torex Semiconductor XC6504 Datasheet HTML 4Page - Torex Semiconductor XC6504 Datasheet HTML 5Page - Torex Semiconductor XC6504 Datasheet HTML 6Page - Torex Semiconductor XC6504 Datasheet HTML 7Page - Torex Semiconductor XC6504 Datasheet HTML 8Page - Torex Semiconductor XC6504 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
0.6μA Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
XC6504 Series
■
GENERAL DESCRIPTION
The XC6504 series is a highly accurate CMOS voltage regulator that achieves very low supply current operation of 0.6μA.
Even output current is 1μA (when light load), the XC6504 can provide high accurate outputs, which is ideally suited for the
applications to draw less output current. The usage of super small package USPN-4B02 (0.75 x 0.95mm) and the advantage
of capacitor-less stable operation can contribute the board space saving outstandingly. The IC consists of a reference voltage
source, an error amplifier, a driver transistor, over-current protection circuit, and a phase compensation circuit.
The device is compatible with a low ESR ceramic output capacitor C
Output voltage is fixed internally by laser trimming technology and can be selectable in 0.1V increments within the range of
1.1V to 5.0V. The CE function enables the device to be put into standby mode by inputting a low level signal to the CE pin
thereby reducing current consumption to less than 0.1μA. In the standby mode, if a C
L. Moreover, the device can provide stable output even
without a CL output capacitor because of the excellent internal phase compensation.
L output capacitor is used, the electric
charge stored at CL can be discharged via the internal switch and as a result, the VOUT pin quickly returns to the VSS level.
■
FEATURES
1/32
■
TYPICAL PERFORMANCE
CHARACTERISTICS
Supply Current
:
0.6μA
Input Voltage Range
:
1.4V~6.0V
Output Voltage Range
:
1.1V~5.0V (0.1V increments)
Output Accuracy
:
±0.02V@VOUT<2.0V
±1%@VOUT≧2.0V
Temperature Stability
:
±50ppm/℃
Maximum Output Current
:
150mA
Low On Resistance
:
3.3Ω@VOUT=3.0V
Standby Current
:
0.01μA
Protection Current
:
Current Limiter
Shot Circuit Protection
CE Function
:
CL Auto Discharge
ON/OFF Logic=Enable High
Output Capacitor
:
Low ESR Ceramic Capacitor
(CL Capacitor-Less Compatible)
Operating Ambient Temperature
:
-40℃~+85℃
Packages
:
USPN-4B02
SSOT-24
SOT-25
USPQ-4B04
Environmentally Friendly
:
EU RoHS Compliant, Pb Free
■
TYPICAL APPLICATION CIRCUIT
ETR0347-006
■
APPLICATIONS
●
Mobile devices / terminals
●
Wireless LAN
●
Modules (wireless, cameras, etc.)
XC6504x181xR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
12
345
6
Input Voltage: VIN [V]
Ta=-40℃
Ta=25℃
Ta=85℃
V
CE=VIN
I
OUT=0mA
C
IN=CL=open


Similar Part No. - XC6504

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6504

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6120 TOREX-XC6120 Datasheet
257Kb / 13P
Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6120 TOREX-XC6120_1 Datasheet
264Kb / 13P
Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6120 TOREX-XC6120_2 Datasheet
313Kb / 13P
Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC61J TOREX-XC61J Datasheet
304Kb / 15P
Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
Ultra Small, Low Power Consumption Voltage Detector
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com