Electronic Components Datasheet Search
  English  ▼

X  

XC6504 Datasheet(PDF) 30 Page - Torex Semiconductor

Part # XC6504
Description  0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6504 Datasheet(HTML) 30 Page - Torex Semiconductor

Back Button XC6504 Datasheet HTML 24Page - Torex Semiconductor XC6504 Datasheet HTML 25Page - Torex Semiconductor XC6504 Datasheet HTML 26Page - Torex Semiconductor XC6504 Datasheet HTML 27Page - Torex Semiconductor XC6504 Datasheet HTML 28Page - Torex Semiconductor XC6504 Datasheet HTML 29Page - Torex Semiconductor XC6504 Datasheet HTML 30Page - Torex Semiconductor XC6504 Datasheet HTML 31Page - Torex Semiconductor XC6504 Datasheet HTML 32Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30/32
XC6504 Series
■
MARKING RULE (Continued)
①
represents output voltage range
②
represents output voltage
③,④
represents production lot number
01~09, 0A~0Z, 11~9Z, A1~A9, AA~AZ, B1~ZZ in order.
(G, I, J, O, Q, W excluded)
*No character inversion used.
MARK
OUTPUT VOLTAGE
1.1V~3.9V
OUTPUT VOLTAGE
4.0V~5.0V
PRODUCT SERIES
P
R
XC6504A*****-G
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
-
4.00
F
2.50
-
1
1.10
4.10
H
2.60
-
2
1.20
4.20
K
2.70
-
3
1.30
4.30
L
2.80
-
4
1.40
4.40
M
2.90
-
5
1.50
4.50
N
3.00
-
6
1.60
4.60
P
3.10
-
7
1.70
4.70
R
3.20
-
8
1.80
4.80
S
3.30
-
9
1.90
4.90
T
3.40
-
A
2.00
5.00
U
3.50
-
B
2.10
-
V
3.60
-
C
2.20
-
X
3.70
-
D
2.30
-
Y
3.80
-
E
2.40
-
Z
3.90
-
●
USPQ-4B04
●
SSOT-24 (With the orientation bar at the bottom)
1
2
3
4
②
①
③
④
1
2
4
3
* SSOT-24 with the orientation bar at the bottom is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com