Electronic Components Datasheet Search
  English  ▼

X  

XC6504 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6504
Description  0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6504 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6504 Datasheet HTML 1Page - Torex Semiconductor XC6504 Datasheet HTML 2Page - Torex Semiconductor XC6504 Datasheet HTML 3Page - Torex Semiconductor XC6504 Datasheet HTML 4Page - Torex Semiconductor XC6504 Datasheet HTML 5Page - Torex Semiconductor XC6504 Datasheet HTML 6Page - Torex Semiconductor XC6504 Datasheet HTML 7Page - Torex Semiconductor XC6504 Datasheet HTML 8Page - Torex Semiconductor XC6504 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2/32
XC6504 Series
■
BLOCK DIAGRAM
XC6504 Series, Type A
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC6504①②③④⑤⑥-⑦
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
A
Refer to Selection Guide
11~50
②③
Output Voltage
e.g. 1.8V → ②=1, ③=8
④
Output Voltage Accuracy
1
±0.02V (VOUT<2.0V), ±1% (VOUT≧2.0V)
7R-G
USPN-4B02 (5,000/Reel)
NR-G
SSOT-24 (3,000/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
●
Selection Guide
MR-G
SOT-25 (3,000/Reel)
⑤⑥-⑦(*1)
Packages (Order Unit)
9R-G
USPQ-4B04 (3,000/Reel)
TYPE
CURRENT LIMITTER
CE PULL-DOWN
RESISTOR
CL AUTO-DISCHARGE
A
Yes
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com