Electronic Components Datasheet Search
  English  ▼

X  

2525 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 2525
Description  USB POWER CONTROL SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2525 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 2525 Datasheet HTML 3Page - Allegro MicroSystems 2525 Datasheet HTML 4Page - Allegro MicroSystems 2525 Datasheet HTML 5Page - Allegro MicroSystems 2525 Datasheet HTML 6Page - Allegro MicroSystems 2525 Datasheet HTML 7Page - Allegro MicroSystems 2525 Datasheet HTML 8Page - Allegro MicroSystems 2525 Datasheet HTML 9Page - Allegro MicroSystems 2525 Datasheet HTML 10Page - Allegro MicroSystems 2525 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2525 AND 2535
USB
POWER CONTROL
SWITCHES
www.allegromicro.com
7
IOUT
4 A/
VFAULT
VOUT
5 ms/
15 m
Ω
SHORT CIRCUIT
IOUT
4 A/
VFAULT
VOUT
2
µs/
15 m
Ω
SHORT CIRCUIT
IOUT
400 mA/
VFAULT
500 ms/
15 m
Ω
SHORT CIRCUIT
THERMAL SHUTDOWN
IOUT
1 A/
VFAULT
500 ms/
RL = 15 m
Ω
THERMAL
SHUTDOWN
OUTPUT SHORT-CIRCUIT PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com