Electronic Components Datasheet Search
  English  ▼

X  

2525 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2525
Description  USB POWER CONTROL SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2525 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2525 Datasheet HTML 1Page - Allegro MicroSystems 2525 Datasheet HTML 2Page - Allegro MicroSystems 2525 Datasheet HTML 3Page - Allegro MicroSystems 2525 Datasheet HTML 4Page - Allegro MicroSystems 2525 Datasheet HTML 5Page - Allegro MicroSystems 2525 Datasheet HTML 6Page - Allegro MicroSystems 2525 Datasheet HTML 7Page - Allegro MicroSystems 2525 Datasheet HTML 8Page - Allegro MicroSystems 2525 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CONT
ACT
FACT
OR
Y
2525 AND
2535
USB POWER CONTROL SWITCHES
A2525EM
The A2525EL/M and A2535EL/M are integrated high-side power
switches, optimized for self-powered and bus-powered Universal Serial
Bus (USB) applications. Few external components are necessary to
satisfy USB requirements. The A2525EL/EM ENABLE inputs are
active high; the A2535EL/EM are active low.
All devices are ideally suited for USB applications. Each switch
channel supplies up to 500 mA as required by USB peripheral devices.
In addition, the switch’s low on-resistance permits achieving the USB
voltage-drop requirements. Fault current is limited to typically
750 mA, satisfying the UL 25 VA safety requirements, and a flag
output is available to indicate a fault condition to the local USB
controller. Momentary voltage drops that may occur on the upstream
port when the switch is enabled in bus-powered applications is elimi-
nated by a “soft start” feature.
Additional features include thermal shutdown to prevent catastrophic
switch failure from high-current loads, undervoltage lockout to ensure
that the device remains OFF unless there is a valid input voltage
present, and 3.3 V and 5 V logic-compatible enable inputs.
These switches are provided in 8-pin mini-DIP (suffix ‘M’) and
8-lead SOIC (suffix ‘L’) packages.
Features
I 2.7 V to 5.8 V Input
I Up to 500 mA Continuous Load Current per Port
I 140 mΩ Maximum ON-Resistance
I 1.25 A Maximum Short-Circuit Current Limit
I Individual Open-Drain Fault Flag Outputs
I 100 µA Typical ON-State Supply Current
I <1 µA Typical OFF-State Supply Current
I Outputs Can be Forced Higher Than Input (off-state)
I Thermal Shutdown
I 2.2 V Typical Undervoltage Lockout
I 0.6 ms Turn On (soft-start) and Fast Turn Off
I A2525 (active-high) Improved Replacement for MIC2525-1
I A2535 (active-low) Improved Replacement for MIC2525-2
Applications
I USB Hosts and Self-Powered Hubs
I USB Bus-Powered Hubs
I Hot Plug-In Power Supplies
I Battery-Charger Circuits
Note that the A2525EM (DIP) and the
A2525EL (SOIC) are electrically identical and
share a common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VIN ..................... 6.0 V
Output Voltage, VOUT .................. 6.0 V
Output Current,
IOUT ................. Internally Limited
ENABLE Voltage Range,
VEN ......................... –0.3 V to 10 V
Fault Flag Voltage, VFLG .............. 8.0 V
Fault Flag Current, IFLG ............. 50 mA
Package Power Dissipation,
PD ................................. See Graph
Operating Temperature Range,
TA .......................... -40
°C to +85°C
Junction Temperature, TJ ....... +150
°C*
Storage Temperature Range,
TS ........................... -65
°C to 150°C
* Fault conditions that produce excessive
junction temperature will activate device
thermal shutdown circuitry. These conditions
can be tolerated but should be avoided.
1
2
3
45
6
7
8
EN
FLG
GND
NC
OUT
IN
NC
NC
Dwg. PP-070A
NC
NC
NC


Similar Part No. - 2525

ManufacturerPart #DatasheetDescription
logo
Heyco.
2525 HEYCO-2525 Datasheet
91Kb / 1P
Feets of Strength
logo
Belden Inc.
2525 BELDEN-2525 Datasheet
435Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset
logo
Intersil Corporation
2525-5Z INTERSIL-2525-5Z Datasheet
307Kb / 11P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
November 15, 2006
logo
Wurth Elektronik GmbH &...
2525020210002 WURTH-2525020210002 Datasheet
729Kb / 8P
WSEN-HIDS Humidity sensor with integrated temperature sensor
001.001
logo
Integrated Technology F...
252508B ITF-252508B Datasheet
172Kb / 2P
185.0 MHz SAW Filter
More results

Similar Description - 2525

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2526 ALLEGRO-2526 Datasheet
220Kb / 12P
USB DUAL POWER CONTROL SWITCHES
logo
Impala Linear Corporati...
ILC7526 IMPALA-ILC7526 Datasheet
62Kb / 6P
USB DUAL CONTROL SWITCHES
ILC7536 IMPALA-ILC7536 Datasheet
42Kb / 1P
USB DUAL POWER CONTROL SWITCHES
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
USB Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com