Electronic Components Datasheet Search
  English  ▼

X  

2525 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # 2525
Description  USB POWER CONTROL SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2525 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button 2525 Datasheet HTML 4Page - Allegro MicroSystems 2525 Datasheet HTML 5Page - Allegro MicroSystems 2525 Datasheet HTML 6Page - Allegro MicroSystems 2525 Datasheet HTML 7Page - Allegro MicroSystems 2525 Datasheet HTML 8Page - Allegro MicroSystems 2525 Datasheet HTML 9Page - Allegro MicroSystems 2525 Datasheet HTML 10Page - Allegro MicroSystems 2525 Datasheet HTML 11Page - Allegro MicroSystems 2525 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2525 AND 2535
USB
POWER CONTROL
SWITCHES
www.allegromicro.com
9
TYPICAL APPLICATIONS
USB Host Application
USB Bus-Powered Hub
A2525EM
VIN
ON/OFF
OVER-
CURRENT
GROUND
5 V
UPSTREAM
CONNECTOR
100 mA MAX
10 k
Ω
DATA
USB CONTROLLER
1
2
3
45
6
7
8
NC
NC
NC
USB
PORT
FERRITE
BEADS
DATA
+5 V
Dwg. EP-070A
VBUS
0.1
µF
VBUS
D+
D–
GND
3.3 V
REG
A2525EM
VIN
ON/OFF
OVER-
CURRENT
GROUND
5 V
UPSTREAM
CONNECTOR
100 mA MAX
10 k
Ω
DATA
USB CONTROLLER
1
2
3
45
6
7
8
NC
NC
NC
USB
PORT
FERRITE
BEADS
DATA
Dwg. EP-070-10A
VBUS
0.1
µF
VBUS
D+
D–
GND
1.5 k
Ω
3.3 V
REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com