Electronic Components Datasheet Search
  English  ▼

X  

2961 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2961
Description  HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2961 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2961 Datasheet HTML 1Page - Allegro MicroSystems 2961 Datasheet HTML 2Page - Allegro MicroSystems 2961 Datasheet HTML 3Page - Allegro MicroSystems 2961 Datasheet HTML 4Page - Allegro MicroSystems 2961 Datasheet HTML 5Page - Allegro MicroSystems 2961 Datasheet HTML 6Page - Allegro MicroSystems 2961 Datasheet HTML 7Page - Allegro MicroSystems 2961 Datasheet HTML 8Page - Allegro MicroSystems 2961 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2961
HIGH-CURRENT
HALF-BRIDGE
PRINTHEAD/MOTOR DRIVER
The UDN2961B and UDN2961W are 3.4 A half bridges designed
specifically for driving solenoid printheads, stepper motors, and dc
motors. The UDN2961B/W consists of a power source driver output,
a power sink driver output, a flyback recovery diode, internal current
sensing circuitry, and a user-selectable fixed off-time chopper circuit.
The output drivers are capable of sustaining 45 V with continuous
currents of
±3.4 A and peak transient currents of ±4 A permitted. The
outputs have been optimized for a low output saturation voltage
(typically 2.6 V total source plus sink drops at 3.4 A).
For output current control, load current is sensed internally and
limited by chopping the output driver(s) in a user-selectable fixed off-
time PWM mode. The maximum output current is determined by the
user’s selection of a reference voltage. The MODE pin determines
whether the current control circuitry will chop in a slow current-decay
mode (only the source driver switching) or in a fast current-decay
mode (source and sink switching). A user-selectable blanking window
prevents false triggering of the current control circuitry during
chopping.
The UDN2961B is supplied in a 16-pin dual in-line plastic batwing
package with a copper lead-frame and heat sinkable tabs for improved
power dissipation capabilities. For higher power dissipation require-
ments, the UDN2961W is supplied in a 12-pin single in-line power tab
package.
FEATURES
s 3.4 A, 45 V Source and Sink Drivers
s Internal Current Sensing
s User-Selectable Fixed Off-Time PWM Current Control
s Internal Flyback Diode
s Low Output Saturation Voltage
s Chip Enable
s Fast or Slow Current-Decay Modes
s Programmable Blanking Window
s Internal Thermal Shutdown Circuitry
UDN2961B
HIGH-CURRENT HALF-BRIDGE
PRINTHEAD/MOTOR DRIVER—WITH INTERNAL
CURRENT SENSING AND CONTROL
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VBB . . . . . . . . . . . . . . 45 V
Output Current, IOUT (continuous) .
±3.4 A
(tw ≤ 20 µs, 10% duty cycle) . .
±4.0 A
Logic Supply Voltage, VCC . . . . . . . . . 7.0 V
Input Voltage Range,
VIN . . . . . . . . . . . . . . . -0.3 V to +7.0 V
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . -20°C to +85°C
Junction Temperature, TJ . . . . . . . +150°C*
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -55°C to +150°C
Output current rating may be restricted to a value
determined by system concerns and factors.
These include: system duty cycle and timing,
ambient temperature, and use of any heatsinking
and/or forced cooling. For reliable operation, the
specified maximum junction temperature should
not be exceeded.
* Fault conditions that produce excessive junction
temperature will activate device thermal shutdown
circuitry. These conditions can be tolerated, but
should be avoided.
Always order by complete part number:
Part Number Package
UDN2961B
16-Pin DIP
UDN2961W
12-Pin Power-Tab SIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V
SOURCE OUT
EMITTER
SINK OUT
NC
GROUND
GROUND
CC
IN
ENABLE
RC
MODE
GROUND
GROUND
V
REF
VBB
INPUT
CURRENT-
CONTROL
LOGIC
V
LOAD SUPPLY
LOGIC SUPPLY
BB
Dwg. PP-035
2961


Similar Part No. - 2961

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2961 KR-2961 Datasheet
59Kb / 3P
300 MHz minimum 1 dB BW
logo
Christian Bürkert GmbH ...
2961 BURKERT-2961 Datasheet
1,009Kb / 17P
Manually operated 2-way globe control valve
18.03.2024
2961 BURKERT-2961 Datasheet
837Kb / 14P
Manually operated 2/2-way angle seat valve
15.01.2024
2961 BURKERT-2961 Datasheet
976Kb / 15P
Manually operated 2/2-way globe valve
15.01.2024
2961 BURKERT-2961 Datasheet
873Kb / 15P
Manually operated 2-way angle seat control valve
18.03.2024
More results

Similar Description - 2961

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2943 ALLEGRO-2943 Datasheet
97Kb / 6P
HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
HIGH-CURRENT HALF-BRIDGE POWER DRIVER
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
High Current Integrated Half Bridge Driver
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
High Current PN Half Bridge
Rev. 0.6 2017-02-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com