Electronic Components Datasheet Search
  English  ▼

X  

2961 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2961
Description  HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2961 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2961 Datasheet HTML 1Page - Allegro MicroSystems 2961 Datasheet HTML 2Page - Allegro MicroSystems 2961 Datasheet HTML 3Page - Allegro MicroSystems 2961 Datasheet HTML 4Page - Allegro MicroSystems 2961 Datasheet HTML 5Page - Allegro MicroSystems 2961 Datasheet HTML 6Page - Allegro MicroSystems 2961 Datasheet HTML 7Page - Allegro MicroSystems 2961 Datasheet HTML 8Page - Allegro MicroSystems 2961 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2961
HIGH-CURRENT
HALF-BRIDGE
PRINTHEAD/MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
BB
V
V
SENSE
+
-
REF
CIRCUIT
BB
V
Dwg. EP-037
DRIVE CURRENT
RECIRCULATION (SLOW-DECAY MODE)
RECIRCULATION (FAST-DECAY MODE)
APPLICATIONS INFORMATION
The UDN2961B/W is a high current
half-bridge designed to drive a number of
inductive loads such as printer solenoids,
stepper motors, and dc motors. Load current
is sensed internally and is controlled by
pulse-width modulating (PWM) the output
driver(s) in a fixed off-time, variable-
frequency format. The peak current level is
set by the user’s selection of a reference
voltage. A slow current-decay mode
(chopping only the source driver) or a fast
current-decay mode (chopping both the
source and sink drivers) can be selected via
the MODE pin.
PWM CURRENT CONTROL
A logic low on the MODE pin sets the
current-control circuitry into the slow-decay
mode. The RS flip-flop is set initially, and
both the source driver and the sink driver are
turned ON when the INPUT pin is at a logic
low. As current in the load increases, it is
sensed by the internal sense resistor until the
sense voltage equals the trip voltage of the
comparator. At this time, the flip-flop is reset
and the source driver is turned OFF. Over the
range of VREF = 0.8 V to 3.4 V, the output
current trip point transfer function is a direct
linear function of the reference voltage:
ITRIP = VREF
To ensure an accurate chop current level
(
±10%), an external 2940 Ω ±1% resistor
(RCV) is used. The actual load current peak
will be slightly higher than the trip point
(especially for low-inductance loads) because
of the internal logic and switching delays
(typically 1.5
µs). After the source driver turns
OFF, the load current decays, circulating
through an external ground clamp diode, the
load, and the sink transistor. The source
driver’s OFF time (and therefore the magni-
tude of the current decrease) is determined
by the one-shot’s external RC timing compo-
nents:
tOFF = RC
within the range of 20 k
Ω to 100 kΩ and 100 pF to 1000 pF. When the
one-shot times out, the flip-flop is set again, the source driver is re-
enabled, and the load current again is allowed to rise to the set peak
value and trip the comparator. This cycle repeats itself, maintaining the
average load current at the desired level.
ENABLE
INPUT
MODE
LOAD
CURRENT
RC
RC/2
I
TRIP
Dwg. WP-015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com