Electronic Components Datasheet Search
  English  ▼

X  

2961 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2961
Description  HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2961 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2961 Datasheet HTML 1Page - Allegro MicroSystems 2961 Datasheet HTML 2Page - Allegro MicroSystems 2961 Datasheet HTML 3Page - Allegro MicroSystems 2961 Datasheet HTML 4Page - Allegro MicroSystems 2961 Datasheet HTML 5Page - Allegro MicroSystems 2961 Datasheet HTML 6Page - Allegro MicroSystems 2961 Datasheet HTML 7Page - Allegro MicroSystems 2961 Datasheet HTML 8Page - Allegro MicroSystems 2961 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2961
HIGH-CURRENT
HALF-BRIDGE
PRINTHEAD/MOTOR DRIVER
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Output Leakage Current
ICEX
VEN = 0.8 V, VSOURCE = 0 V
—
<-1.0
-100
µA
VEN = 0.8 V, VSINK = 45 V
—
<1.0
100
µA
Output Saturation Voltage
VCE(SAT)
Source Driver, IOUT = -3.4 A
—
1.6
2.2
V
Source Driver, IOUT = -3.0 A
—
1.5
—
V
Sink Driver, IOUT = 3.4 A
—
1.0
1.4
V
Sink Driver, IOUT = 3.0 A
—
0.9
—
V
Output Sustaining Voltage
VCE(sus)
IOUT = ±3.4 A, L = 3 mH
45
—
—
V
Recovery Diode Leakage Current
IR
VR = 45 V
—
<1.0
100
µA
Recovery Diode Forward Voltage
VF
IF = 3.4 A
—
—
2.0
V
Motor Supply Current
IBB(on)
VEN = 2.0 V, VIN = 0.8 V, No Load
—
—
70
mA
IBB(off)
VEN = 0.8 V
—
—
2.5
mA
Output Rise Time
tr
Source Driver, IOUT = -3.4 A
—
—
600
ns
Sink Driver, IOUT = 3.4 A
—
—
600
ns
Output Fall Time
tf
Source Driver, IOUT = -3.4 A
—
—
600
ns
Sink Driver, IOUT = 3.4 A
—
—
600
ns
Control Logic
Logic Input Voltage
VIN(1)
2.0
—
—
V
VIN(0)
—
—
0.8
V
Logic Input Current
IIN(1)
VIN = 5.0 V
—
—
10
µA
IIN(0)
VIN = 0 V
—
—
-1.0
mA
Reference Input Current
IREF
VREF = 5.0 V
—
—
50
µA
Transconductance
ITRIP/VREF
VREF = 1.0 V
0.9
1.0
1.1
A/V
VREF = 3.2 V
0.9
1.0
1.1
A/V
Logic Supply Current
ICC
VEN = 2.0 V, VIN = 0.8 V, No Load
—
—
160
mA
VEN = 0.8 V
—
—
15
mA
Turn On Delay
tpd(on)
Source Driver
—
—
600
ns
Sink Driver
—
—
600
ns
Turn Off Delay
tpd(off)
Source Driver
—
—
2.0
µs
Sink Driver
—
—
2.0
µs
Thermal Shutdown Temperature
TJ
—
165
—
°C
Negative current is defined as coming out of (sourcing) the specified device terminal.
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 45 V,
VCC = 4.75 V to 5.25 V, RCV = 2940 Ω (unless otherwise noted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com