Electronic Components Datasheet Search
  English  ▼

X  

2961 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2961
Description  HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2961 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2961 Datasheet HTML 1Page - Allegro MicroSystems 2961 Datasheet HTML 2Page - Allegro MicroSystems 2961 Datasheet HTML 3Page - Allegro MicroSystems 2961 Datasheet HTML 4Page - Allegro MicroSystems 2961 Datasheet HTML 5Page - Allegro MicroSystems 2961 Datasheet HTML 6Page - Allegro MicroSystems 2961 Datasheet HTML 7Page - Allegro MicroSystems 2961 Datasheet HTML 8Page - Allegro MicroSystems 2961 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2961
HIGH-CURRENT
HALF-BRIDGE
PRINTHEAD/MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
50
75
100
125
150
10
6
4
2
0
TEMPERATURE IN
°C
8
25
Dwg. GP-032A
SUFFIX 'B', R
= 43
°C/W
θJA
SUFFIX 'W', R
= 38
°C/W
θJA
SUFFIX 'W',
R
= 2.0
°C/W
θJT
SUFFIX 'B',
R
= 6.0
°C/W
θJT
UDN2961W
2940
Ω
TSD
R
S
LOW
TRIP
RC
SOURCE OUT
EMITTER
SINK OUT
ENABLE
INPUT
MODE
GROUND
R
C
Q
FLIP-
FLOP
REF
CIRCUIT
V
REF
CC
V
+5 V
BB
V
V
SENSE
BB
V
+
-
R
CV
ONE
SHOT
Dwg. FP-019A
1
2
3
4
5
6
7
8
9
10
11
12
V
BB
V
CC
CURRENT-
CONTROL
LOGIC
V
BB
Dwg. PP-036
W
Copyright © 1995, 1996 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com