Electronic Components Datasheet Search
  English  ▼

X  

2993 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2993
Description  DUAL H-BRIDGE MOTOR DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2993 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2993 Datasheet HTML 1Page - Allegro MicroSystems 2993 Datasheet HTML 2Page - Allegro MicroSystems 2993 Datasheet HTML 3Page - Allegro MicroSystems 2993 Datasheet HTML 4Page - Allegro MicroSystems 2993 Datasheet HTML 5Page - Allegro MicroSystems 2993 Datasheet HTML 6Page - Allegro MicroSystems 2993 Datasheet HTML 7Page - Allegro MicroSystems 2993 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2993
DUAL H-BRIDGE
MOTOR DRIVERS
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
B
1
2
3
4
5
6
7
8
PHASE
GROUND
GROUND
OUT
OUT
GROUND
GROUND
BB
V
LOGIC SUPPLY
ENABLE B
OUT1B
OUT2B
LOAD SUPPLY
ENABLE
PHASE
V
EA
2A
1A
A
A
VEB
DD
V
9
10
11
12
13
14
15
16
UDN2993B
2993
Dwg. No. A-12,455
DUAL H-BRIDGE MOTOR DRIVERS
Cost-effective monolithic drive electronics for bipolar stepper and
dc (brush) servo motors to 30 V and 500 mA is very practical with the
UDN2993B and UDN2993LB. These dual full-bridge motion control
ICs integrate separate inputs, level shifting for upper power outputs,
control logic, integral inductive transient protection, and source (upper)
and sink (lower) drivers in an H-bridge configuration. The single-chip
power IC provides improved space utilization and reliability unmatched
by discrete component circuitry.
Excepting the power supply connections, the two H-bridges are
independent. An ENABLE input is provided for each bridge and
permits pulse-width modulation (PWM) through the use of external
circuitry. PWM drive techniques provide the benefits of reduced power
dissipation, improved motor performance (especially torque), and
positively affect system efficiency. Separate PHASE inputs for each
bridge determine the direction of current flow in the load. Additionally,
each pair of (sink) emitters are terminated to package connections.
This allows the use of current-sensing circuitry. Both devices
incorporate an intrinsic “dead time” to preclude high crossover
(or cross-conduction) currents during changes in direction (phase).
These devices are packaged in plastic DIPs (suffix B) or surface-
mountable wide-body SOICs (suffix LB) with copper lead frames for
optimum power dissipation without heat sinks. The lead configurations
allow automatic insertion, fit standard IC sockets or printed wiring
board layouts, and enable easy attachment of a heat sink for maximum
power-handling capability. The heat-sink tabs are at ground potential
and require no insulation.
Dual full-bridge drivers with peak current ratings of
±3 A are
supplied as the UDN2998W.
FEATURES
s
±600 mA Output Current
s Output Voltage to 30 V
s Crossover Current Protection
s TTL/NMOS/CMOS Compatible Inputs
s Low Input Current
s Internal Clamp Diodes
s Automotive Capable
ABSOLUTE MAXIMUM RATINGS
at TJ ≤ +150°C
Load Supply Voltage, VBB .................... 30 V
Logic Supply Voltage, VDD ................... 7.0 V
Logic Input Voltage Range, VPHASE or
VENABLE ............... -0.3 V to VDD + 0.3 V
Output Current, IOUT ..................... ±600 mA
Sink Driver Emitter Voltage,
VE .................................................. 1.5 V
Package Power Dissipation,
PD ........................................ See Graph
Operating Temperature Range,
TA ................................. -20°C to +85°C
Storage Temperature Range,
TS ............................... -55°C to +150°C
IMPORTANT: Load supply voltage must never be
applied without logic supply voltage present.
NOTE: Output current rating may be limited by
chopping frequency, ambient temperature,
airflow, and heat sinking. Under any set of
conditions, do not exceed the specified maximum
current and a junction temperature of +150
°C.
Always order by complete part number:
Part Number
Package
UDN2993B
16-Pin DIP
UDN2993LB
20-Lead Wide-Body SOIC


Similar Part No. - 2993

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2993 KR-2993 Datasheet
66Kb / 3P
70 MHz Center Frequency
logo
Alpha Wire
2993 ALPHAWIRE-2993 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Adafruit Industries
2993 ADAFRUIT-2993 Datasheet
129Kb / 3P
Tower Light - Red Yellow Green Alert Light with Buzzer - 12VDC
2/24/2016
logo
Keystone Electronics Co...
2993 KEYSTONE-2993 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
List of Unclassifed Man...
2993-6001 ETC2-2993-6001 Datasheet
578Kb / 3P
SMA IN SERIES ADAPTERS
More results

Similar Description - 2993

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI-DRV8816_15 Datasheet
985Kb / 27P
DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com