Electronic Components Datasheet Search
  English  ▼

X  

2993 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2993
Description  DUAL H-BRIDGE MOTOR DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2993 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2993 Datasheet HTML 1Page - Allegro MicroSystems 2993 Datasheet HTML 2Page - Allegro MicroSystems 2993 Datasheet HTML 3Page - Allegro MicroSystems 2993 Datasheet HTML 4Page - Allegro MicroSystems 2993 Datasheet HTML 5Page - Allegro MicroSystems 2993 Datasheet HTML 6Page - Allegro MicroSystems 2993 Datasheet HTML 7Page - Allegro MicroSystems 2993 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2993
DUAL H-BRIDGE
MOTOR DRIVERS
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VBB = 30 V, VDD = 5 V, VE = 0 V, TJ ≤ +150°C
Figure 1 (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers
Operating Voltage Range
VBB
10
—
30
V
Output Leakage Current
ICEX
VENABLE = 0.8 V, VOUT = VBB, Note 2
—
< 1.0
50
µA
VENABLE = 0.8 V, VOUT = 0 V, Note 2
—
< -1.0
-50
µA
Output Saturation Voltage
VCE(SAT)
VENABLE = 2.4 V, IOUT = 500 mA
—
1.6
1.8
V
VENABLE = 2.4 V, IOUT = -500 mA
—
1.6
2.0
V
Output Sustaining Voltage
VCE(sus)
IOUT = ±500 mA, Figure 2, Note 2
30
—
—
V
Motor Supply Current
IBB(ON)
VENABLE = 2.4 V, Outputs Open, Note 2
—
1.0
3.0
mA
IBB(OFF)
VENABLE = 0.8 V, Outputs Open, Note 2
—
250
300
µA
Source Driver Rise Time
tr
IOUT = -500 mA
—
75
—
ns
Source Driver Fall Time
tf
IOUT = -500 mA
—
280
—
ns
Clamp Diode Forward Voltage
VF
IF = 500 mA
—
1.6
1.8
V
Control Logic (PHASE or ENABLE)
Logic Input Current
IIN(1)
VPHASE or VENABLE = 2.4 V
—
< 1.0
10
µA
IIN(0)
VPHASE or VENABLE = 0.8 V
—
-200
-300
µA
Logic Input Voltage
VIN(1)
2.4
—
—
V
VIN(0)
—
—
0.8
V
Logic Supply Current
IDD
—14
20
mA
Turn-On Delay Time
tpd0
ENABLE Input to Source Drivers
—
250
—
ns
Turn-Off Delay Time
tpd1
ENABLE lnput to Source Drivers
—
500
—
ns
NOTES: 1. Each driver is tested separately.
2. Test is performed with VPHASE = 0.8 V and then repeated for VPHASE = 2.4 V.
3. Negative current is defined as coming out of (sourcing) the specified device pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com