Electronic Components Datasheet Search
  English  ▼

X  

2993 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2993
Description  DUAL H-BRIDGE MOTOR DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2993 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2993 Datasheet HTML 1Page - Allegro MicroSystems 2993 Datasheet HTML 2Page - Allegro MicroSystems 2993 Datasheet HTML 3Page - Allegro MicroSystems 2993 Datasheet HTML 4Page - Allegro MicroSystems 2993 Datasheet HTML 5Page - Allegro MicroSystems 2993 Datasheet HTML 6Page - Allegro MicroSystems 2993 Datasheet HTML 7Page - Allegro MicroSystems 2993 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2993
DUAL H-BRIDGE
MOTOR DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
(One of Two Drivers)
UDN2993LB
Dwg. No. A-14,340
Dwg. No. A-12,447
Dwg. No. A-12,448
t
V
V
I
ENABLE
PHASE
OUT
+
_
t
t
t
f
r
d
t
t r
f
d
LOGIC
SUPPLY
ENABLE
PHASE
GROUND
GROUND
GROUND
GROUND
OUT
OUT
V
1B
2B
EB
LOAD
SUPPLY
ENABLE
PHASE
GROUND
GROUND
GROUND
GROUND
OUT
OUT
V
1A
2A
EA
A
A
B
B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
LOGIC
LOGIC
DD
V
BB
V
OUT
OUT1
2
ENABLE
PHASE
GROUND
VBB
VDD
VE
TURN-ON
DELAY
TURN-ON
DELAY
TRUTH TABLE
Enable
Phase
Input
Input
Output 1
Output 2
High
High
Low
High
High
Low
High
Low
Low
High
Low
Open
Low
Low
Open
Low
50
75
100
125
150
25
15
10
5
0
TEMPERATURE IN
°C
20
25
Dwg. GP-021A
SUFFIX 'B', R
= 40
°C/W
θJA
SUFFIX 'LB', R
= 61
°C/W
θJA
SUFFIX 'B', R
= 13
°C/W
θJT
SUFFIX 'LB', R
= 6.0
°C/W
θJT
W
Copyright © 1985, 1993, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com