Electronic Components Datasheet Search
  English  ▼

X  

2993 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2993
Description  DUAL H-BRIDGE MOTOR DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2993 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2993 Datasheet HTML 1Page - Allegro MicroSystems 2993 Datasheet HTML 2Page - Allegro MicroSystems 2993 Datasheet HTML 3Page - Allegro MicroSystems 2993 Datasheet HTML 4Page - Allegro MicroSystems 2993 Datasheet HTML 5Page - Allegro MicroSystems 2993 Datasheet HTML 6Page - Allegro MicroSystems 2993 Datasheet HTML 7Page - Allegro MicroSystems 2993 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2993
DUAL H-BRIDGE
MOTOR DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
OUT1
ENABLE
PHASE
GROUND
VBB
VDD
VE
TURN-ON
DELAY
TURN-ON
DELAY
= 5V
= 40V
OUT 2
mA
OUT
I
TEST FIGURES
Dwg. No. A-12,449
ENABLE
PHASE
GROUND
VBB
VDD
VE
TURN-ON
DELAY
TURN-ON
DELAY
= 5V
= 40V
mH
2
0.8V
2.4V
Dwg. No. A-12,450
FIGURE 2
FIGURE 1
Dwg. No. A-12,454
INPUT
INPUT
A
B
0
0
+5V
+5V
TYPICAL APPLICATION
2-PHASE BIPOLAR STEPPER MOTOR DRIVE
(Chopper Mode)
Dwg. No. A-12,453
470 K
+ 5V
10K
10K
0.1
1
Ω
1K
56
Ω
0.1
1
Ω
10K
470K
0.1
10K
INB
+5V
5.6K
+36V
IN
A
+5V
5.6K
1
2
3
4
5
6
7
8
BB
V
DD
V
9
10
11
12
13
14
15
16
+
_
+
_



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com