Electronic Components Datasheet Search
  English  ▼

X  

3059 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3059
Description  HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3059 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3059 Datasheet HTML 1Page - Allegro MicroSystems 3059 Datasheet HTML 2Page - Allegro MicroSystems 3059 Datasheet HTML 3Page - Allegro MicroSystems 3059 Datasheet HTML 4Page - Allegro MicroSystems 3059 Datasheet HTML 5Page - Allegro MicroSystems 3059 Datasheet HTML 6Page - Allegro MicroSystems 3059 Datasheet HTML 7Page - Allegro MicroSystems 3059 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3059 AND 3060
HALL-EFFECT
GEAR-TOOTH SENSORS
—AC COUPLED
The UGN/UGS3059KA and UGN/UGS3060KA ac-coupled Hall-
effect gear-tooth sensors are monolithic integrated circuits that switch
in response to changing differential magnetic fields created by moving
ferrous targets. These devices are ideal for use in non-zero-speed,
gear-tooth-based speed, position, and timing applications such as in
anti-lock braking systems, transmissions, and crankshafts.
Both devices, when coupled with a back-biasing magnet, can be
configured to turn ON or OFF with the leading or trailing edge of a
gear-tooth or slot. Changes in fields on the magnet face caused by a
moving ferrous mass are sensed by two integrated Hall transducers
and are differentially amplified by on-chip electronics. This differential
sensing design provides immunity to radial vibration within the devices’
operating air gaps. Steady-state magnet and system offsets are
eliminated using an on-chip differential band-pass filter. This filter also
provides relative immunity to interference from RF and electromag-
netic sources. The on-chip temperature compensation and Schmitt
trigger circuitry minimizes shifts in effective working air gaps and
switch points over temperature, allowing operation to low frequencies
over a wide range of air gaps and temperatures.
Each Hall-effect digital Integrated circuit includes a voltage regu-
lator, two quadratic Hall-effect sensing elements, temperature com-
pensating circuitry, a low-level amplifier, band-pass filter, Schmitt
trigger, and an open-collector output driver. The on-board regulator
permits operation with supply voltages of 4.5 to 24 volts. The output
stage can easily switch 20 mA over the full frequency response range
of the sensor and is compatible with bipolar and MOS logic circuits.
The two devices provide a choice of operating temperature
ranges. Both devices are packaged in a 5-pin plastic SIP.
HALL-EFFECT GEAR-TOOTH SENSORS
—AC COUPLED
Always order by complete part number, e.g., UGS3060KA .
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Supply Voltage, VCC ............................. 24 V
Reverse Battery Voltage, VRCC .......... -30 V
Magnetic Flux Density, B ............ Unlimited
Output OFF Voltage, VOUT .................... 24 V
Output Current, IOUT ......................... 25 mA
Package Power Dissipation,
PD ............................................ 500 mW
Operating Temperature Range, TA
Prefix ‘UGN’ ................. -20
°C to +85°C
Prefix ‘UGS’ ............... -40
°C to +125°C
Storage Temperature Range,
TS ............................... -65°C to +150°C
V
CC
1
4
3
2
5
X
X
Dwg. PH-011
FEATURES
s Senses Motion of Ferrous
Targets Such as Gears
s Wide Operating Temperature Range
s Operation to 30 kHz
s Resistant to RFI, EMI
s Large Effective Air Gap
s 4.5 V to 24 V Operation
s Output Compatible With
All Logic Families
s Reverse Battery Protection
s Resistant to Physical Stress
Pinning is shown viewed from branded side.
3059 AND
3060


Similar Part No. - 3059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3059 ETC2-3059 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Bourns Electronic Solut...
3059 BOURNS-3059 Datasheet
116Kb / 1P
Trimpot Trimming Potentiometer
logo
KR Electronics, Inc.
3059 KR-3059 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
logo
Bertech.
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
logo
Heyco.
3059 HEYCO-3059 Datasheet
117Kb / 1P
Pry Out Plugs
More results

Similar Description - 3059

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS610LSC ALLEGRO-ATS610LSC Datasheet
82Kb / 12P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
September 3, 1998
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
A3059 ALLEGRO-A3059 Datasheet
144Kb / 10P
HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
A3064 ALLEGRO-A3064 Datasheet
143Kb / 8P
HALL-EFFECT GEAR-TOOTH SENSOR -AC COUPLED
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
Hall effect Gear tooth Sensor
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
Hall Effect Gear Tooth Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com