Electronic Components Datasheet Search
  English  ▼

X  

3059 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3059
Description  HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3059 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3059 Datasheet HTML 1Page - Allegro MicroSystems 3059 Datasheet HTML 2Page - Allegro MicroSystems 3059 Datasheet HTML 3Page - Allegro MicroSystems 3059 Datasheet HTML 4Page - Allegro MicroSystems 3059 Datasheet HTML 5Page - Allegro MicroSystems 3059 Datasheet HTML 6Page - Allegro MicroSystems 3059 Datasheet HTML 7Page - Allegro MicroSystems 3059 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3059 AND 3060
HALL-EFFECT
GEAR-TOOTH SENSORS
—AC COUPLED
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3059
3060
Characteristic
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Operate Point, BOP
Output switches OFF to ON
10
65
100
5.0
15
35
G
Release Point, BRP
Output switches ON to OFF
-100
-65
-10
-35
-15
-5.0
G
Hysteresis, Bhys
BOP - BRP
—
130
—
—
30
—
G
FUNCTIONAL BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS over operating temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
4.5
—
24
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
—
130
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
——
10
µA
Supply Current
ICC
VCC = 18 V, B < BRP
—11
20
mA
High-Frequency Cutoff
fcoh
-3 dB
30
—
—
kHz
Output Rise time
tr
VOUT = 12 V, RL = 820 Ω
—
0.04
0.2
µs
Output Fall time
tf
VOUT = 12 V, RL = 820 Ω
—
0.18
0.3
µs
MAGNETIC CHARACTERISTICS over operating temperature and supply voltage ranges
Part Numbers*
NOTES: * Complete part number includes a prefix to identify operating temperature range (UGN or UGS) and the package suffix KA.
Magnetic switch points are specified as the difference in magnetic fields at the two Hall elements.
As used here, negative flux densities are defined as less than zero (algebraic convention).
Typical values are at T
A = 25°C and VCC = 12 V.
OUTPUT
X
X
Dwg. FH-008
SUPPLY
GROUND
FILTER
FILTER
REG
+
-
1
4
5
2
3
Copyright © 1993, 1995 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com