Electronic Components Datasheet Search
  English  ▼

X  

3059 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3059
Description  HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3059 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3059 Datasheet HTML 1Page - Allegro MicroSystems 3059 Datasheet HTML 2Page - Allegro MicroSystems 3059 Datasheet HTML 3Page - Allegro MicroSystems 3059 Datasheet HTML 4Page - Allegro MicroSystems 3059 Datasheet HTML 5Page - Allegro MicroSystems 3059 Datasheet HTML 6Page - Allegro MicroSystems 3059 Datasheet HTML 7Page - Allegro MicroSystems 3059 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3059 AND 3060
HALL-EFFECT
GEAR-TOOTH SENSORS
—AC COUPLED
TYPICAL OPERATING CHARACTERISTICS
SWITCH POINTS
0
50
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-056
50
100
0
-50
3060
RELEASE POINT
3059
V
= 8 V
CC
150
-100
-25
25
75
125
3059
OPERATE POINT
3060
Dwg. GH-057
10
20
0
-10
-20
0
SUPPLY VOLTAGE IN VOLTS
510
15
20
25
UGN/UGS3060KA
I
= 20 mA
T = +25
°C
OUT
A
OPERATE POINT
RELEASE POINT
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°C
200
100
-50
Dwg. GH-029-1
150
-25
125
I
= 20 mA
V
= 12 V
OUT
CC
200
50
150
100
Dwg. GH-055
0
SUPPLY VOLTAGE IN VOLTS
510
15
20
25
I
= 20 mA
T = +25
°C
OUT
A
OUTPUT SATURATION VOLTAGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com