Electronic Components Datasheet Search
  English  ▼

X  

3059 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3059
Description  HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3059 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3059 Datasheet HTML 1Page - Allegro MicroSystems 3059 Datasheet HTML 2Page - Allegro MicroSystems 3059 Datasheet HTML 3Page - Allegro MicroSystems 3059 Datasheet HTML 4Page - Allegro MicroSystems 3059 Datasheet HTML 5Page - Allegro MicroSystems 3059 Datasheet HTML 6Page - Allegro MicroSystems 3059 Datasheet HTML 7Page - Allegro MicroSystems 3059 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3059 AND 3060
HALL-EFFECT
GEAR-TOOTH SENSORS
—AC COUPLED
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL OPERATING CHARACTERISTICS
SUPPLY CURRENT
0
20
15
10
5
0
25
5075100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-028-1
125
-25
V
= 18 V
CC
150
B
≤ B
RP
A gear-tooth sensing system consists of the sensor
IC, a back-biasing magnet, and a target. The system
requirements are usually specified in terms of the effective
working air gap between the package and the target (gear
teeth), the number of switching events per rotation of the
target, temperature and speed ranges, minimum pulse
duration or duty cycle, and switch point accuracy. Careful
choice of the sensor IC, magnet material and shape,
target material and shape, and assembly techniques
enables large working air gaps and high switch-point
accuracy over the system operating temperature range.
Naming Conventions. With a south pole in front of
the branded surface of the sensor or a north pole behind
the sensor, the field at the sensor is defined as positive.
As used here, negative flux densities are defined as less
than zero (algebraic convention), e.g., -100 G is less than
-50 G.
Magnet Biasing. In order to sense moving non-
magnetized ferrous targets, these devices must be back-
biased by mounting the unbranded side on a small
permanent magnet. Either magnetic pole (north or south)
can be used.
The devices can also be used without a back-biasing
magnet. In this configuration, the sensor can be used to
detect a rotating ring magnet such as those found in
brushless dc motors or in speed sensing applications.
Here, the sensor detects the magnetic field gradient
created by the magnetic poles.
APPLICATIONS INFORMATION
0
8
SUPPLY VOLTAGE IN VOLTS
Dwg. GH-031-1
13
12
11
10
9
510
15
20
25
T = +25
°C
A
B < BRP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com