Electronic Components Datasheet Search
  English  ▼

X  

DMVA3 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # DMVA3
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA3 Datasheet(HTML) 111 Page - Texas Instruments

Back Button DMVA3 Datasheet HTML 107Page - Texas Instruments DMVA3 Datasheet HTML 108Page - Texas Instruments DMVA3 Datasheet HTML 109Page - Texas Instruments DMVA3 Datasheet HTML 110Page - Texas Instruments DMVA3 Datasheet HTML 111Page - Texas Instruments DMVA3 Datasheet HTML 112Page - Texas Instruments DMVA3 Datasheet HTML 113Page - Texas Instruments DMVA3 Datasheet HTML 114Page - Texas Instruments DMVA3 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 287 page
background image
DMVA3, DMVA4
www.ti.com
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
Table 4-1. Boot Mode Order
BTMODE[4:0]
1st
2nd
3rd
4th
00000
RESERVED
RESERVED
RESERVED
RESERVED
00001
UART
XIP w/WAIT (MUX0)(1)(2)
MMC
SPI
00010
UART
SPI
NAND
NANDI2C
00011
UART
SPI
XIP (MUX0)(1)(2)
MMC
00100
EMAC(3)
SPI
NAND
NANDI2C
00101
RESERVED
RESERVED
RESERVED
RESERVED
00110
RESERVED
RESERVED
RESERVED
RESERVED
00111
EMAC(3)
MMC
SPI
XIP (MUX1)(1)(2)
01000
PCIE_32(4)
RESERVED
RESERVED
RESERVED
01001
PCIE_64(4)
RESERVED
RESERVED
RESERVED
01010
RESERVED
RESERVED
RESERVED
RESERVED
01011
RESERVED
RESERVED
RESERVED
RESERVED
01100
RESERVED
RESERVED
RESERVED
RESERVED
01101
RESERVED
RESERVED
RESERVED
RESERVED
01110
RESERVED
RESERVED
RESERVED
RESERVED
01111
Fast XIP (MUX0)(1)
UART
EMAC(3)
PCIE_64(4)
10000
XIP (MUX1)(1)(2)
UART
EMAC(3)
MMC
10001
XIP w/WAIT (MUX1)(1)(2)
UART
EMAC(3)
MMC
10010
NAND
NANDI2C
SPI
UART
10011
NAND
NANDI2C
MMC
UART
10100
NAND
NANDI2C
SPI
EMAC(3)
10101
NANDI2C
MMC
EMAC(3)
UART
10110
SPI
MMC
UART
EMAC(3)
10111
MMC
SPI
UART
EMAC(3)
11000
SPI
MMC
PCIE_32(4)
RESERVED
11001
SPI
MMC
PCIE_64(4)
RESERVED
11010
XIP (MUX0)(1)(2)
UART
SPI
MMC
11011
XIP w/WAIT (MUX0)(1)(2)
UART
SPI
MMC
11100
RESERVED
RESERVED
RESERVED
RESERVED
11101
RESERVED
RESERVED
RESERVED
RESERVED
11110
RESERVED
RESERVED
RESERVED
RESERVED
11111
Fast XIP (MUX0)(1)
EMAC(3)
UART
PCIE_32(4)
(1)
GPMC CS0 eXecute In Place (XIP) boot for NOR/OneNAND/ROM. MUX0/1 refers to the multiplexing option for the GPMC_A[12:0] pins.
For more detailed information on booting the device, including which pins are used for each boot mode, see the ROM Code Memory
and Peripheral Booting chapter in the device-specific Technical Reference Manual.
(2)
When the XIP (MUX0), XIP (MUX1), XIP w/ WAiT (MUX0) or XIP w/ WAiT (MUX1) bootmode is selected, the sampled value from
BTMODE[10] pin is used to select between GPMC pin configuration options shown in Table 4-2, XIP (on GPMC) Boot Options.
(3)
When the EMAC bootmode is selected, the sampled value from BTMODE[9:8] pins are used to determine the Ethernet PHY Mode
Selection (see Table 4-7).
(4)
When the PCIe bootmode is selected (PCIE_32 or PCI_64), the sampled value from BTMODE[15:12] pins are used to determine the
addressing options. For more detailed information on the PCIe addressing options, see the ROM Code Memory and Peripheral Booting
chapter in the device-specific Technical Reference Manual.
4.2.1
XIP (NOR) Boot Options
Table 4-2 shows the XIP (NOR) boot mode GPMC pin configuration options (Option A: BTMODE[10] = 0
and Option B: BTMODE[10] = 1). For Option B, the pull state on select pins is reconfigured to IPD and
remains IPD after boot until the user software reconfigures it. In Table 4-2, GPMC_A[1:12] are configured
only for Non-Muxed NOR flash. In the case of Muxed NOR Flash, GPMC_D[15:0] act as both address and
data lines so configuration of GPMC_A[1:12] in XIP_Mux0 mode and XIP_Mux1 mode doesn't apply for a
Muxed NOR flash and those pins are not configured by Boot ROM.
Copyright © 2013, Texas Instruments Incorporated
Device Configurations
111
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com