Electronic Components Datasheet Search
  English  ▼

X  

DMVA3 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # DMVA3
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA3 Datasheet(HTML) 112 Page - Texas Instruments

Back Button DMVA3 Datasheet HTML 108Page - Texas Instruments DMVA3 Datasheet HTML 109Page - Texas Instruments DMVA3 Datasheet HTML 110Page - Texas Instruments DMVA3 Datasheet HTML 111Page - Texas Instruments DMVA3 Datasheet HTML 112Page - Texas Instruments DMVA3 Datasheet HTML 113Page - Texas Instruments DMVA3 Datasheet HTML 114Page - Texas Instruments DMVA3 Datasheet HTML 115Page - Texas Instruments DMVA3 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 287 page
background image
DMVA3, DMVA4
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
Table 4-2. XIP (on GPMC) Boot Options
CONTROLLED I/O FUNCTION DURING XIP (NOR) BOOT
BTMODE[10] = 0 [OPTION A]
BTMODE[10] = 1 [OPTION B]
SIGNAL NAME
PIN NO.
OTHER CONDITIONS
PULL
PULL
PIN FUNCTION
PIN FUNCTION
STATE
STATE
GPMC_CS[0]/*
AC9
GPMC_CS[0]
IPU
GPMC_CS[0]
IPU
AA10
BTMODE[14:13] = 01b or 10b (Mux)
GPMC_ADV_ALE
IPU
GPMC_ADV_ALE
IPU
GPMC_ADV_ALE/*
BTMODE[14:13] = 00b (Non-Mux)
Default
GPMC_OE_RE
Y8
GPMC_OE_RE
IPU
GPMC_OE_RE
IPU
GPMC_BE[0]_CLE/GPMC_A[25]/*
Y3
GPMC_BE[0]_CLE
IPD
Default
IPD
GPMC_BE[1]/GPMC_A[24]/*
Y11
Default
IPD
Default
IPD
GPMC_WE
Y5
GPMC_WE
IPU
GPMC_WE
IPU
W8
BTMODE[15] = 1b (WAIT Used/Enabled)
GPMC_WAIT[0]
IPU
GPMC_WAIT[0]
IPU
GPMC_WAIT[0]/GPMC_A[26]/*
BTMODE[15] = 0b (WAIT Not
Default
IPD(1)
Used/Disabled)
GPMC_CLK/*
AB9
GPMC_CLK
IPU
Default
IPU
P2, R1, R2, R3, R4, R6, T8, T1,
GPMC_D[15:0]
Off
GPMC_D[15:0]
Off
GPMC_D[15:0]/*
T2, T3, T5, W9, U2, W3, W4,
W6
AK3
BTMODE[12] = 0b (8-bit Mode)
GPMC_A[0]
IPD
GPMC_A[0]
IPD
*/GPMC_A[27]/GPMC_A[26]/GPMC_A[0]/*
BTMODE[12] = 1b (16-bit Mode)
Default
AK4, AJ4, AL5, AK5, AJ6, AL6,
XIP_MUX0 Mode
GPMC_A[1:12]
IPD
GPMC_A[1:12]
IPD
*/GPMC_A[1:12]/*
AK6, AJ7, AK7, AE4, AK8, AJ8
XIP_MUX1 Mode
Default
IPD
Default
IPD
AD1, AC8, AC5, AC4, A2, B2,
XIP_MUX0 Mode
Default
Default
Default
Default
*/GPMC_A[1:12]/* (M1)
C1, C2, D5, H9, J10, B3
XIP_MUX1 Mode
GPMC_A[1:12]
Default
GPMC_A[1:12]
Default
*/GPMC_A[13:15]/* (M0)
AH8, AG8, AF8
Default
IPD
Default
IPD
M8
BTMODE[12] = 0b (8-bit Mode)
Default
IPU
Default
IPU
*/GPMC_A[0]/* (M1)
BTMODE[12] = 1b (16-bit Mode)
L2
BTMODE[14:13] = 01b or 10b (Mux)
Default
IPU
Default
IPU
*/GPMC_A[13]/* (M1)
BTMODE[14:13] = 00b (Non-Mux)
IPD(1)
L4
BTMODE[14:13] = 01b or 10b (Mux)
Default
IPU
Default
IPU
*/GPMC_A[14]/* (M1)
BTMODE[14:13] = 00b (Non-Mux)
IPD(1)
*/GPMC_A[15]/* (M1)
L6
Default
IPD
Default
IPD
GPMC_A[16:19]/*
M1, M2, M3, M5
Default
IPD
Default
IPD
GPMC_A[20] (M0)
N9
Default
IPU
Default
IPD(1)
GPMC_A[21] (M0)
N1
Default
IPD
Default
IPD
GPMC_A[22] (M0)
N2
Default
IPU
Default
IPD(1)
GPMC_A[23] (M0)
R8
Default
IPD
Default
IPD
(1)
After initial power-up the internal pullup (IPU) will be at its default configuration of IPU. During the boot ROM execution, the pull state is reconfigured to IPD and it remains IPD after boot
until the user software reconfigures it.
112
Device Configurations
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com