Electronic Components Datasheet Search
  English  ▼

X  

DMVA3 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # DMVA3
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA3 Datasheet(HTML) 116 Page - Texas Instruments

Back Button DMVA3 Datasheet HTML 112Page - Texas Instruments DMVA3 Datasheet HTML 113Page - Texas Instruments DMVA3 Datasheet HTML 114Page - Texas Instruments DMVA3 Datasheet HTML 115Page - Texas Instruments DMVA3 Datasheet HTML 116Page - Texas Instruments DMVA3 Datasheet HTML 117Page - Texas Instruments DMVA3 Datasheet HTML 118Page - Texas Instruments DMVA3 Datasheet HTML 119Page - Texas Instruments DMVA3 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 287 page
background image
DMVA3, DMVA4
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
Table 4-9. Pins Used in EMAC[0] MII/GMII, RGMII, and RMII Boot Modes (continued)
SIGNAL NAMES
PIN NO.
MII/GMII
TYPE
RGMII
TYPE
RMII
TYPE
AK5
EMAC[0]_MRXD[7]
I
EMAC[0]_RGTXD[1]
O
DEFAULT
AJ6
EMAC[0]_MRXDV
I
DEFAULT
DEFAULT
AJ2
EMAC[0]_MRXER
I
EMAC[0]_RGTXCTL
O
EMAC[0]_RMRXER
I
AG4
EMAC[0]_MTCLK
I
EMAC[0]_RGRXC
I
DEFAULT
AK6
EMAC[0]_MTXD[0]
O
DEFAULT
DEFAULT
AJ7
EMAC[0]_MTXD[1]
O
DEFAULT
DEFAULT
AK7
EMAC[0]_MTXD[2]
O
DEFAULT
DEFAULT
AE4
EMAC[0]_MTXD[3]
O
DEFAULT
DEFAULT
AK8
EMAC[0]_MTXD[4]
O
DEFAULT
DEFAULT
AJ8
EMAC[0]_MTXD[5]
O
DEFAULT
DEFAULT
AH8
EMAC[0]_MTXD[6]
O
DEFAULT
DEFAULT
AG8
EMAC[0]_MTXD[7]
O
DEFAULT
DEFAULT
AF8
EMAC[0]_MTXEN
O
DEFAULT
DEFAULT
AG2
MDCLK
O
MDCLK
O
MDCLK
O
AG3
MDIO
I/O
MDIO
I/O
MDIO
I/O
4.2.7
PCIe Bootmode (PCIE_32 and PCIE_64)
Table 4-10 lists the device pins that are configured by the ROM for the PCIe boot mode.
Table 4-10. Pins Used in PCIe Bootmode
SIGNAL NAME
PIN NO.
TYPE
PCIE_TXP0
L31
O
PCIE_TXN0
K31
O
PCIE_RXP0
K30
I
PCIE_RXN0
J30
I
SERDES_CLKP
H30
I
SERDES_CLKN
H31
I
4.2.8
UART Bootmode
Table 4-11 lists the device pins that are configured by the ROM for the UART boot mode.
Table 4-11. Pins Used in UART Bootmode
SIGNAL NAME
PIN NO.
TYPE
UART0_RXD
J26
I
UART0_TXD
E28
O
4.3
Pin Multiplexing Control
Device level pin multiplexing is controlled on a pin-by-pin basis by the MUXMODE bits of the PINCNTL1 –
PINCNTL270 registers in the Control Module.
Pin multiplexing selects which one of several peripheral pin functions controls the pin's I/O buffer output
data values. Table 4-12 shows the peripheral pin functions associated with each MUXMODE setting for all
multiplexed pins. The default pin multiplexing control for almost every pin is to select MUXMODE = 0x0, in
which case the pin's I/O buffer is 3-stated.
116
Device Configurations
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com