Electronic Components Datasheet Search
  English  ▼

X  

3235 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3235
Description  DUAL-OUTPUT HALL-EFFECT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3235 Datasheet(HTML) 8 Page - Allegro MicroSystems

  3235 Datasheet HTML 1Page - Allegro MicroSystems 3235 Datasheet HTML 2Page - Allegro MicroSystems 3235 Datasheet HTML 3Page - Allegro MicroSystems 3235 Datasheet HTML 4Page - Allegro MicroSystems 3235 Datasheet HTML 5Page - Allegro MicroSystems 3235 Datasheet HTML 6Page - Allegro MicroSystems 3235 Datasheet HTML 7Page - Allegro MicroSystems 3235 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3235
DUAL-OUTPUT
HALL-EFFECT SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
HALL-EFFECT SENSORS SELECTION GUIDE
Partial Part
Avail. Oper.
Operate Limits Over Temp.
Number
Temp.
BOP max
BRP min
Bhys min
Function†
Notes
3046
E/L
+200
-200
15
Gear-Tooth Sensor
3054
K/S
+300
+5
5.0
Unipolar Multiplex
1
3056
E/L
+225
-225
15
Gear-Tooth Sensor
3058
E/L
+300
-300
150
Gear-Tooth Sensor
3059
K/S
+100
-100
20
AC Gear-Tooth Sensor
3060
K/S
+35
-35
10
AC Gear-Tooth Sensor
3121
E/L
+500
+80
60
Unipolar Switch
3122
E/L
+430
+120
70
Unipolar Switch
3123
E/L
+470
+160
70
Unipolar Switch
3132
K/L/S
+95
-95
30
Bipolar Switch
3133
K/L/S
+75
-75
30
Bipolar Switch
3134
E/L
+50
-40
10
Bipolar Switch
3141
E/L
+175
+10
20
Unipolar Switch
3142
E/L
+245
+60
30
Unipolar Switch
3143
E/L
+355
+150
30
Unipolar Switch
3144
E/L
+450
+25
20
Unipolar Switch
3161
E
+160
+30
5.0
2-Wire Unipolar Switch
3175
S
+180
-180
80
Bipolar Latch
3177
S
+150
-150
50
Bipolar Latch
3185
E/L
+300
-300
280
Bipolar Latch
3187
E/L
+175
-175
100
Bipolar Latch
3188
E/L
+200
-200
160
Bipolar Latch
3189
E/L
+250
-250
100
Bipolar Latch
3195
E/L
+200
-200
110
Bipolar Latch
2, 3
3197
L
+200
-200
110
Bipolar Latch
3
3235
S
+200
+15
15
Unipolar Switch
4
-200
-15
15
Unipolar Switch
3275
S
+250
-250
100
Bipolar Latch
5
3421
E/L
+300
-300
240
Direction Detection
3422
E/L
+85
-85
10
Direction Detection
3503
S
Typ. 1.3 mV/G
–
Linear Sensor
3515
E/L
Typ. 5.0 mV/G
–
Chopper-Stabilized Linear Sensor
3516
E/L
Typ. 2.5 mV/G
–
Chopper-Stabilized Linear Sensor
3517
L/S
Typ. 5.0 mV/G
–
Chopper-Stabilized Linear Sensor
3518
L/S
Typ. 2.5 mV/G
–
Chopper-Stabilized Linear Sensor
3625
S
+150
-150
200*
900 mA Bipolar Latch
3, 5, 6
3626
S
+150
-150
200*
400 mA Bipolar Latch
3, 5, 6
5140
E
+240
+25
20
300 mA Unipolar Switch
3, 6
Operating Temperature Ranges:
C = 0
°C to +70°C, S = -20°C to +85°C, E = -40°C to +85°C, K = -40°C to +125°C, L = -40°C to +150°C
Notes
1. Multiplexed two-wire sensor; after proper address, power/signal bus current indicates magnetic field condition.
2. Active pull down.
3. Protected.
4. Output 1 switches on south pole, output 2 switches on north pole for 2-phase, bifilar-wound, unipolar-driven brushless dc motor control.
5. Complementary outputs for 2-phase bifilar-wound, unipolar-driven brushless dc motor control.
6. Power driver output.
* Typical.
† Latches will not switch on removal of magnetic field; bipolar switches may switch on removal of field but require field reversal for reliable operation
over operating temperature range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com