Electronic Components Datasheet Search
  English  ▼

X  

3235 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3235
Description  DUAL-OUTPUT HALL-EFFECT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3235 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3235 Datasheet HTML 1Page - Allegro MicroSystems 3235 Datasheet HTML 2Page - Allegro MicroSystems 3235 Datasheet HTML 3Page - Allegro MicroSystems 3235 Datasheet HTML 4Page - Allegro MicroSystems 3235 Datasheet HTML 5Page - Allegro MicroSystems 3235 Datasheet HTML 6Page - Allegro MicroSystems 3235 Datasheet HTML 7Page - Allegro MicroSystems 3235 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3235
DUAL-OUTPUT
HALL-EFFECT SWITCH
TRANSFER CHARACTERISTICS
Figure 1 illustrates a method of sensing the presence
of either a north or south magnetic pole. Because the
UGN3235K is an open-collector device, it is possible to
directly connect (wired OR) the two outputs. This causes
the output to go LOW when either a north pole or south
pole of sufficient magnitude is sensed. The device
connected in this manner suits many applications, ranging
from doubling the resolution of a ring-magnet encoder, to
zero-crossing detection.
APPLICATIONS
Figure 2 shows that there is a “dead time” approxi-
mately centered around 0 G. Thus, by sensing the HIGH
portion of the UGN3235K wired-OR output, the zero-
crossing can be detected.
Dwg. WH-009-1
BOP1
B
RP1
BRP2
B
OP2
Q1
Q2
0
+B (SOUTH)
–B (NORTH)
ON
OFF
ON
ON
OFF
OFF
DEAD
TIME
DEAD
TIME
FIGURE 2
ZERO-CROSSING DETECTION
Figure 3 shows that the UGN3235K makes it possible
to implement a very efficient brushless dc motor control
using a minimum number of components. Referring again
to Figure 1, the dead time (where both drivers are OFF)
allows the motor coil field to decay sufficiently. This
avoids both excessive reactive voltages and the magnetic
drag resulting from the motor coils working in opposition
to each other.
SWITCH POINTS vs. TEMPERATURE
X
V
CC
4.5 V to 24 V
Dwg. EH-010
SIGNAL
OUTPUT
FIGURE 1
BIPOLAR DETECTOR
0
+B
0
Dwg. GH-043A
-B
VOUT(SAT)
25 V
MAX
BOP1
BRP1
V OUT(OFF)
B OP2
BRP2
MAGNETIC FLUX
0
50
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-027-1
0
50
100
-50
-100
150
150
-150
-25
25
75
125
BOPS
BRPS
BRPN
BOPN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com