Electronic Components Datasheet Search
  English  ▼

X  

3235 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3235
Description  DUAL-OUTPUT HALL-EFFECT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3235 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3235 Datasheet HTML 1Page - Allegro MicroSystems 3235 Datasheet HTML 2Page - Allegro MicroSystems 3235 Datasheet HTML 3Page - Allegro MicroSystems 3235 Datasheet HTML 4Page - Allegro MicroSystems 3235 Datasheet HTML 5Page - Allegro MicroSystems 3235 Datasheet HTML 6Page - Allegro MicroSystems 3235 Datasheet HTML 7Page - Allegro MicroSystems 3235 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3235
DUAL-OUTPUT
HALL-EFFECT SWITCH
Type UGN3235K Hall-effect sensors are bipolar integrated circuits
designed for commutation of brushless dc motors, and other rotary
encoding applications using multi-pole ring magnets. The device
features two outputs which are independently activated by magnetic
fields of opposite polarity.
Each sensor IC includes a Hall voltage generator, two Schmitt
triggers, a voltage regulator, output transistors, and on-board reverse
polarity protection. The regulator enables these devices to operate
from voltages ranging between 4.5 V and 24 V. On-chip compensation
circuitry stabilizes the switch points over temperature.
Each open-collector output is independently operated by the
proper amount and polarity of incident magnetic flux. Output 1 re-
sponds only to the positive flux from the south pole of a magnet,
Output 2 to the negative flux from the north pole of a magnet. When
the sensor experiences the field of a south magnetic pole greater than
the maximum operate point of Output 1, that output switches to the
LOW state and Output 2 is unaffected. When the incident flux falls
below the minimum release point for Output 1, that output returns to
the HIGH state and Output 2 remains unchanged.
Output 2 independently responds in the same manner to the
negative flux from the north magnetic pole of a magnet. Figure 1
shows a zone in the region of 0 G, tH, where both outputs are in the
HIGH or OFF state. This constitutes a delay that is independent of
rate of change of the incident magnetic field and ensures that both
outputs are never ON simultaneously. This is an essential feature for
driving brushless dc motors with a minimum of reactive transient
currents.
The UGN3235K is supplied in a four-pin plastic single in-line
package (SIP).
FEATURES
s Reliable and Rugged Magnetic Sensing Switch
s Two Outputs Independently Switched by North and South Poles
s Independent Actuation of Outputs Minimizes Inductive-Load
Reactive Transient
s Built-in Hysteresis Minimizes Interference from Stray Fields
s Operates from 4.5 V to 24 V
s Outputs Compatible with All Logic Levels
s On-Board Reverse Polarity Protection
s Open-Collector, Active-Low Outputs
DUAL-OUTPUT
HALL-EFFECT SWITCH
Always order by complete part number: UGN3235K .
Power Supply, VCC . . . . . . . . . . . . . . . . 25 V
Reverse Battery Voltage, VRCC . . . . . -30 V
Magnetic Flux Density, B . . . . . . Unlimited
Output OFF Voltage, VOUT . . . . . . . . . . 25 V
Output ON Current, IOUT . . . . . . . . . . 50 mA
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . -20°C to + 85°C
Storage Temperature Range
TS . . . . . . . . . . . . . . . . -65°C to +150°C
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Dwg. PH-007
1
V
CC
4
3
2
Pinning is shown viewed from branded side.
3235


Similar Part No. - 3235

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3235 ETC2-3235 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Allegro MicroSystems
3235 ALLEGRO-3235 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Heyco.
3235 HEYCO-3235 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Christian Bürkert GmbH ...
3235 BURKERT-3235 Datasheet
1Mb / 15P
Tank bottom diaphragm valve with hand actu-ator
25.01.2021
logo
Adafruit Industries
3235 ADAFRUIT-3235 Datasheet
145Kb / 2P
AdaBox002 – Making Things Move - Feather Bluetooth LE Mini Robot
More results

Similar Description - 3235

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G6853 GTM-G6853 Datasheet
149Kb / 4P
Single Output Hall Effect Switch IC
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224 Datasheet
245Kb / 10P
Dual Hall Effect Switch
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
Micropower CMOS Output Hall Effect Switch
logo
Bel Fuse Inc.
9902090CW BEL-9902090CW Datasheet
491Kb / 3P
Dual Output Hall Effect Sensor
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251_14 Datasheet
419Kb / 8P
Micropower CMOS Output Hall Effect Switch
logo
E-CMOS Corporation
EC2621 E-CMOS-EC2621 Datasheet
435Kb / 7P
Micropower CMOS Output Hall Effect Switch
EC2622 E-CMOS-EC2622 Datasheet
303Kb / 6P
Micropower CMOS Output Hall Effect Switch
logo
Diodes Incorporated
AH1389 DIODES-AH1389 Datasheet
528Kb / 9P
ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
Rev 2
AH1390 DIODES-AH1390 Datasheet
499Kb / 9P
ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
October 2019
AH1388 DIODES-AH1388 Datasheet
469Kb / 9P
ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
May 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com