Electronic Components Datasheet Search
  English  ▼

X  

3235 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3235
Description  DUAL-OUTPUT HALL-EFFECT SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3235 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3235 Datasheet HTML 1Page - Allegro MicroSystems 3235 Datasheet HTML 2Page - Allegro MicroSystems 3235 Datasheet HTML 3Page - Allegro MicroSystems 3235 Datasheet HTML 4Page - Allegro MicroSystems 3235 Datasheet HTML 5Page - Allegro MicroSystems 3235 Datasheet HTML 6Page - Allegro MicroSystems 3235 Datasheet HTML 7Page - Allegro MicroSystems 3235 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3235
DUAL-OUTPUT
HALL-EFFECT SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
VCC
X
REG.
Dwg. FH-003A
GROUND
OUTPUT
3
OUTPUT
2
1
1
2
4
W
Copyright © 1989, 1995 Allegro MicroSystems, Inc.
ELECTRICAL CHARACTERISTICS at TA = +25°C (unless otherwise noted).
MAGNETIC CHARACTERISTICS at VCC = 4.5 V to 24 V
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
4.5
—
24
V
Output Saturation Voltage
VOUT(SAT)
VCC = 24 V, IOUT = 20 mA
—
160
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, VCC = 24 V
—
—
1.0
µA
Supply Current
ICC
VCC = 24 V, Output Open
—
6.0
8.0
mA
Output Rise Time
tr
VCC = 14 V, RL = 820 Ω, CL = 20 pF
—
0.04
0.4
µs
Output Fall Time
tf
VCC = 14 V, RL = 820 Ω, CL = 20 pF
—
0.18
0.4
µs
Characteristic
Test Conditions
Output
Min.
Max.
Units
Operate Point, BOP
TA = +25°C
Q1
50
175
G
Q2
-175
-50
G
TA = -20°C to +85°C
Q1
35
200
G
Q2
-200
-35
G
Release Point, BRP
TA = +25°C
Q1
25
160
G
Q2
-160
-25
G
TA = -20°C to +85°C
Q1
15
190
G
Q2
-190
-15
G
Hysteresis, Bhys
TA = +25°C
Q1 & Q2
15
100
G
TA = -20°C to +85°C
Q1 & Q2
15
110
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com