Electronic Components Datasheet Search
  English  ▼

X  

3625 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3625
Description  POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3625 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3625 Datasheet HTML 1Page - Allegro MicroSystems 3625 Datasheet HTML 2Page - Allegro MicroSystems 3625 Datasheet HTML 3Page - Allegro MicroSystems 3625 Datasheet HTML 4Page - Allegro MicroSystems 3625 Datasheet HTML 5Page - Allegro MicroSystems 3625 Datasheet HTML 6Page - Allegro MicroSystems 3625 Datasheet HTML 7Page - Allegro MicroSystems 3625 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Requiring a minimum of external components, the UDN3625M
and UDN3626M are monolithic ICs that provide single-chip control
and direct drive solutions for many small, single-phase, unipolar
brushless dc motor applications. Integrated into the ICs are a high-
sensitivity Hall-effect sensor, control and commutating logic, a stable
voltage regulator, extensive self and system protective functions, and
two high-current saturated npn outputs. Both ICs include thermal
shutdown, output over-current limiting, and output transient protection/
flyback diodes. The UDN3625M is nominally for 12 V motor applica-
tions while the UDN3626M is better suited to 24 V motors.
Output over-current limiting (relating to startup surge or a locked
rotor condition) and short-circuit protection are provided by an internal
current-sense resistor. The maximum (default) output load current is
typically 1.3 A for the UDN3625M or 600 mA for the UDN3626M,
but may be decreased by user selection of an external low-wattage
resistor.
A separate low-level output provides tachometer capability for
motor speed control or sensing a locked rotor condition. With appro-
priate external logic, pulse-width modulated (PWM) speed control can
be accomplished at the output current adjust pin.
These sensor/drivers are supplied in an 8-pin mini-DlP plastic
package with a copper leadframe for increased package power
handling capability.
POWERHALL
® SENSOR/DRIVERS
FOR BRUSHLESS DC MOTORS
Always order by complete part number, e.g., UDN3625M .
See Maximum Ratings at left.
Supply Voltage, VCC . . . . . . . . . . See Table
Output Current, IO . . . . . . . . . . . . See Table
PWM Current Control Voltage,
VADJ . . . . . . . . . . . . . See Applications
Magnetic Flux Density, B . . . . . . Unlimited
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . . -65°C to +150°C
Output current rating will be limited by
ambient temperature, supply voltage, and
duty cycle. Under any set of conditions, do
not exceed a junction temperature of
+150
°C.
UDN3625M
UDN3626M
VCC(MAX)
14 V
26 V
IO(CONT)
1.0 A
0.45 A
IO(PEAK)
1.6 A
0.75 A
ABSOLUTE MAXIMUM RATINGS
FEATURES
s 900 mA /12 V or 400 mA /24 V Operation
s Speed-Control (PWM) Capability
s Locked-Rotor Indication
s Minimum External Components
s Over-Current Protected
s Thermal Protection
s Enhanced Reliability
s Reduced Cost
3625 AND
3626
CONTACT FACTORY
for availability
and latest information


Similar Part No. - 3625

ManufacturerPart #DatasheetDescription
logo
Lumberg
3625 LUMBERG-3625 Datasheet
107Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
logo
3M Electronics
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
logo
Lumberg
3625 LUMBERG-3625 Datasheet
451Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Heyco.
3625 HEYCO-3625 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results

Similar Description - 3625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
Driver for Brushless, Sensorless Motors
logo
Texas Instruments
UC1620 TI-UC1620 Datasheet
304Kb / 8P
Switchmode Driver for 3-횈 Brushless DC Motors
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
H-Bridge Motor Drivers For DC Brush Motors
logo
List of Unclassifed Man...
ATAVRMC100 ETC2-ATAVRMC100 Datasheet
134Kb / 2P
EVALUATE AND DESIGN BRUSHLESS DC MOTORS APPLICATIONS
logo
Copal Electronics
F455B COPAL-F455B Datasheet
81Kb / 2P
BRUSHLESS DC SIDE FLOW FAN MOTORS
logo
Toshiba Semiconductor
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015BFTG TOSHIBA-TC78B015BFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015CFTG TOSHIBA-TC78B015CFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015FTG TOSHIBA-TC78B015FTG Datasheet
596Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
logo
Leadshine Technology Co...
BLM LEADSHINE-BLM Datasheet
1Mb / 4P
BLM Series Brushless DC Servo Motors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com