Electronic Components Datasheet Search
  English  ▼

X  

3625 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3625
Description  POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3625 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3625 Datasheet HTML 1Page - Allegro MicroSystems 3625 Datasheet HTML 2Page - Allegro MicroSystems 3625 Datasheet HTML 3Page - Allegro MicroSystems 3625 Datasheet HTML 4Page - Allegro MicroSystems 3625 Datasheet HTML 5Page - Allegro MicroSystems 3625 Datasheet HTML 6Page - Allegro MicroSystems 3625 Datasheet HTML 7Page - Allegro MicroSystems 3625 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3625 AND 3626
POWERHALL
®
SENSOR/DRIVERS FOR
BRUSHLESS DC MOTORS
ELECTRICAL CHARACTERISTICS at TA = +25°C, RADJ = ∞, Over Operating Voltage Range
(unless otherwise noted).
Output Clamp Voltage
(Test Fig. 1)
Output Clamp Voltage
Supply Current
(Test Fig. 1)
(Test Fig. 2)
(Test Fig. 2)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
UDN3625M
Operating Voltage Range
VS
6.5
12
14
V
Output Leakage Current
IO
VCC = VO = 24 V
—
—
100
µA
Output Breakdown Voltage
V(BR)CEX
VCC = 24 V, lO = 10 mA*
34
—
—
V
Output Saturation Voltage
VO(SAT)
IO = 450 mA, VS = 6.5 V
—
0.25
0.4
V
IO = 900 mA, VS = 12 V
—
0.5
0.8
V
Output Current Limit
IO MAX
RADJ = ∞, VO = 2 V
1.0
1.3
1.6
A
VCL
ICL = 10 mA, VCC = 0
11
12
13
V
ICL = 450 mA=, VCC = 0
13
14
15
V
Output Switching Time
tPLH
50% VADJ to VO = 3.0 V, lO = 450 mA
—
—
5.0
µs
lCC
RADJ = ∞, VS = 14 V, One Output ON
—
30
38
mA
RADJ = 0 Ω, VS = 14 V, Outputs OFF
—
8.0
10
mA
UDN3626M
Operating Voltage Range
VS
‡24
26
V
Output Leakage Current
lO
VCC = VO = 30 V
—
—
100
µA
Output Breakdown Voltage
V(BR)CEX
VCC = 30 V, lO = 10 mA*
50
—
—
V
Output Saturation Voltage
VO(SAT)
lO = 250 mA, VS = 6.5 V
—
0.15
0.3
V
lO = 400 mA, VS = 24 V
—
0.3
0.5
V
Output Current Limit
lOMAX
RADJ = ∞, VO = 2 V
450
600
750
mA
VCL
ICL = 10 mA, VCC = 0
17
18
20
V
ICL = 250 mA, VCC = 0
19
20
22
V
Output Switching Time
tPLH
50% VADJ to VO = 3.0 V, lO = 250 mA
—
—
5.0
µs
Supply Current
lCC
RADJ = ∞, VS = 26 V, One Output ON
—
—
24
mA
RADJ = 0 Ω, VS = 26 V, Outputs OFF
—
8.0
10
mA
Continued next page...
*lO is almost entirely Zener clamp current.
† Pulse test.
‡ Dependent on value of external series Zener diode (see Applications), 6.5 V without a Zener diode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com