Electronic Components Datasheet Search
  English  ▼

X  

3625 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3625
Description  POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3625 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3625 Datasheet HTML 1Page - Allegro MicroSystems 3625 Datasheet HTML 2Page - Allegro MicroSystems 3625 Datasheet HTML 3Page - Allegro MicroSystems 3625 Datasheet HTML 4Page - Allegro MicroSystems 3625 Datasheet HTML 5Page - Allegro MicroSystems 3625 Datasheet HTML 6Page - Allegro MicroSystems 3625 Datasheet HTML 7Page - Allegro MicroSystems 3625 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3625 AND 3626
POWERHALL
®
SENSOR/DRIVERS FOR
BRUSHLESS DC MOTORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS continued
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Both
Operate Point§
BOP
—
±100
±150
G
Hysteresis
BH
—
200
—
G
Output Current Limit Ratio
lO/lO MAX
RADJ = 39 kΩ
—
0.75
—
—
RADJ = 17 kΩ
—
0.50
—
—
RADJ = 10 kΩ
—
0.25
—
—
PWM Control Current
IADJ
VADJ = 0
—
-350
-500
µA
Tach Output Leak. Current
IT
VT = 14 V
—
—
10
µA
Tach Output Sat. Voltage
VT(SAT)
IT = 750 µA
—
0.2
0.4
V
Thermal Shutdown
TJ
––
165
—
°C
Thermal Hysteresis
∆T
J
––
10
—
°C
§ Magnetic flux density is measured at most sensitive area of device, nominally located 0.055" (1.40 mm) below the top of the package.
OUTPUT CLAMP VOLTAGE TEST
(ONE OUTPUT TESTED AT A TIME)
SUPPLY CURRENT TEST
Dwg. No. EP-013
TEST FIG. 2
TEST FIG. 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com